Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LR128HT85ZB5E Datasheet(PDF) 106 Page - STMicroelectronics

Part # M58LR128HT85ZB5E
Description  128 Mbit (8 Mb ×16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply Flash memories
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128HT85ZB5E Datasheet(HTML) 106 Page - STMicroelectronics

Back Button M58LR128HT85ZB5E Datasheet HTML 102Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 103Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 104Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 105Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 106Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 107Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 108Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 109Page - STMicroelectronics M58LR128HT85ZB5E Datasheet HTML 110Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 112 page
background image
Command interface state tables
M58LR128HT, M58LR128HB
106/112
OTP Busy
Array
Status Register
Output Unchanged
Status
Register
Output
Unchanged
Status
Register
Ready
Electronic
Signature/
CFI
Program Busy
Erase Busy
Buffer Program
Busy
Program/Erase
Suspend
Buffer Program
Suspend
Program Busy in
Erase Suspend
Buffer Program
Busy in Erase
Suspend
Program Suspend
in Erase Suspend
Buffer Program
Suspend in Erase
Suspend
Blank Check busy
Illegal State
Output Unchanged
1.
The output state shows the type of data that appears at the outputs if the bank address is the same as the command
address. A bank can be placed in Read Array, Read Status Register, Read Electronic Signature or Read CFI mode,
depending on the command issued. Each bank remains in its last output state until a new command is issued to that bank.
The next state does not depend on the bank output state.
2.
CI = Command Interface, CR = Configuration Register, BEFP = Buffer Enhanced Factory Program, P/E. C. =
Program/Erase Controller.
3.
At Power-Up, all banks are in Read Array mode. Issuing a Read Array command to a busy bank, results in undetermined
data output.
4.
The two cycle command should be issued to the same bank address.
5.
If the P/E.C. is active, both cycles are ignored.
Table 43.
Command Interface states - modify table, next output state(1) (2) (continued)
Current CI State
Command Input
Read
Array
(3)
(FFh)
Program
Setup(4)
(5)
(10/40h)
Buffer
Program
(E8h)
Block
Erase,
Setup(4)
(5)
(20h)
BEFP
Setup
(80h)
Blank
Check
setup
(BCh)
Erase Confirm
P/E Resume,
Block Unlock
confirm, BEFP
Confirm(4)(5)
(D0h)
Blank
Check
confir
m
(CBh)
Program/
Erase
Suspend
(B0h)
Read
Status
Register
(70h)
Clear
Status
Register
(50h)
Read
Electronic
signature,
Read CFI
Query
(90h, 98h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com