Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6551 Datasheet(PDF) 5 Page - MPS Industries, Inc.

Part # MP6551
Description  14V, 5A, H-Bridge Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP6551 Datasheet(HTML) 5 Page - MPS Industries, Inc.

  MP6551 Datasheet HTML 1Page - MPS Industries, Inc. MP6551 Datasheet HTML 2Page - MPS Industries, Inc. MP6551 Datasheet HTML 3Page - MPS Industries, Inc. MP6551 Datasheet HTML 4Page - MPS Industries, Inc. MP6551 Datasheet HTML 5Page - MPS Industries, Inc. MP6551 Datasheet HTML 6Page - MPS Industries, Inc. MP6551 Datasheet HTML 7Page - MPS Industries, Inc. MP6551 Datasheet HTML 8Page - MPS Industries, Inc. MP6551 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP6551
– 14V, 5A, H-BRIDGE MOTOR DRIVER
MP6551 Rev. 1.0
MonolithicPower.com
5
7/7/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
2.45
2.46
2.47
2.48
2.49
2.5
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
UVLO Rising Threshold vs.
Temperature
10
12
14
16
18
20
-50
-20
10
40
70
100
130
TEMPERATURE ( C)
HS-FET On Resistance vs.
Temperature
IOUT = 1A
8
9
10
11
12
13
14
15
16
17
18
-50
-20
10
40
70
100
130
TEMPERATURE ( C)
LS-FET On Resistance vs.
Temperature
IOUT = 1A
9
9.5
10
10.5
11
11.5
12
12.5
13
-50
-20
10
40
70
100
130
TEMPERATURE ( C)
Sleep Mode Current vs.
Temperature
VIN = 4V
7
7.5
8
8.5
9
9.5
10
10.5
11
11.5
12
-50
-20
10
40
70
100
130
TEMPERATURE ( C)
HS-FET OCP Threshold vs.
Temperature
10
10.5
11
11.5
12
12.5
13
13.5
14
14.5
15
15.5
16
-50
-20
10
40
70
100
130
TEMPERATURE ( C)
LS-FET OCP Threshold vs.
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com