Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6551 Datasheet(PDF) 11 Page - MPS Industries, Inc.

Part # MP6551
Description  14V, 5A, H-Bridge Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP6551 Datasheet(HTML) 11 Page - MPS Industries, Inc.

Back Button MP6551 Datasheet HTML 7Page - MPS Industries, Inc. MP6551 Datasheet HTML 8Page - MPS Industries, Inc. MP6551 Datasheet HTML 9Page - MPS Industries, Inc. MP6551 Datasheet HTML 10Page - MPS Industries, Inc. MP6551 Datasheet HTML 11Page - MPS Industries, Inc. MP6551 Datasheet HTML 12Page - MPS Industries, Inc. MP6551 Datasheet HTML 13Page - MPS Industries, Inc. MP6551 Datasheet HTML 14Page - MPS Industries, Inc. MP6551 Datasheet HTML 15Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MP6551
– 14V, 5A, H-BRIDGE MOTOR DRIVER
MP6551 Rev. 1.0
MonolithicPower.com
11
7/7/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Over-current (OC) conditions are sensed on
both the high-side MOSFET (HS-FET) and LS-
FET, protecting the device from damage during
a short to GND, short to supply, or a short
across the motor winding.
Note that a sustained short circuit or OC fault
can result in excessive die temperature, which
may cause the device to go into thermal
shutdown.
Under-Voltage Lockout (UVLO) Protection
If the VIN drops below the under-voltage lockout
(UVLO) threshold, all circuitry is disabled and
the device’s internal logic is reset. Once VIN
rises above the UVLO threshold again, the
MP6551 resumes normal operation.
Thermal Shutdown
If the die temperature exceeds about 150°C, all
MOSFETs are disabled and nFAULT goes low.
Once the die temperature drops below about
135°C, the MP6551 resumes normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com