Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6551 Datasheet(PDF) 10 Page - MPS Industries, Inc.

Part # MP6551
Description  14V, 5A, H-Bridge Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP6551 Datasheet(HTML) 10 Page - MPS Industries, Inc.

Back Button MP6551 Datasheet HTML 6Page - MPS Industries, Inc. MP6551 Datasheet HTML 7Page - MPS Industries, Inc. MP6551 Datasheet HTML 8Page - MPS Industries, Inc. MP6551 Datasheet HTML 9Page - MPS Industries, Inc. MP6551 Datasheet HTML 10Page - MPS Industries, Inc. MP6551 Datasheet HTML 11Page - MPS Industries, Inc. MP6551 Datasheet HTML 12Page - MPS Industries, Inc. MP6551 Datasheet HTML 13Page - MPS Industries, Inc. MP6551 Datasheet HTML 14Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP6551
– 14V, 5A, H-BRIDGE MOTOR DRIVER
MP6551 Rev. 1.0
MonolithicPower.com
10
7/7/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The MP6551 is an H-bridge motor driver that
integrates four N-channel power MOSFETs. It
can achieve 5A of peak output current (IOUT)
across a 2.5V to 14V input voltage (VIN) range,
and is designed to drive brushed DC motors,
solenoids, and other loads.
Input Logic
Each
of
the
MP655
1’s half H-bridges is
controlled independently via the IN1, IN2, EN1,
and EN2 input pins. Table 1 shows the control
logic for each input pin.
Table 1: Input Pin Control Logic
INx
ENx
OUTx
X
0
Z
0
1
L
1
1
H
Sleep Mode
Pull the EN1 and EN2 pins low to enable sleep
mode. In sleep mode, all internal circuitry
(including the gate driver charge pump) is
disabled, and the outputs are turned off. If
either EN1 or EN2 is enabled again, then the
device resumes normal operation. There is a
short delay time (tWAKE) before the output(s) are
enabled again.
Slew Rate (SR) Control
The MP6551 has a slew rate (SR) control pin.
Use a resistor to connect the SR pin to GND to
adjust the slew rate (output rise/fall time). This
feature can reduce electromagnetic interference
(EMI) caused by output transitions.
The
rise/fall
time
is
proportional
to
the
resistance used. Short SR to GND to generate
a fast rise/fall time (about 100ns). A
3MΩ
resistor generates a rise/fall time of about 3µs.
Fault Indication
The MP6551
’s fault indication (nFAULT) pin is
an open-drain output that requires an external
pull-up resistor. The nFAULT pin indicates if a
fault has occurred. If an over-current (OC) or
over-temperature (OT) fault occurs, nFAULT is
pulled low. Once the fault condition is removed,
nFAULT is pulled high via the pull-up resistor.
Current Measurement Outputs
The internal current-sensing circuitry senses
the current flowing into each output. The CM1
and CM2 pins source or sink a current
proportional to the current flowing into each of
the half H-bridges
’ low-side MOSFETs (LS-
FETs). The current flowing through the LS-FET
is sensed in both the forward and reverse
directions.
To convert this current into a voltage (e.g. to
input to an analog-to-digital converter [ADC]), a
termination resistor (RREF) is required to create
a reference voltage (VREF). If no current is
flowing, then the resultant output is equal to
VREF. If the current is flowing, then the voltage is
above or below VREF. (VOUT_SENSE) can be
calculated with Equation (1):
VOUT_SENSE = VREF + (RREF x ILOAD) / 10,000 (1)
To terminate the outputs while using an ADC
with inputs that are ratiometric to its supply
voltage, connect two equal-value resistors to
the ADC supply and GND. The resulting ADC
code is half-scale at zero current.
Figure 2 shows the current measurement circuit.
OUTx
GND
x1
x10,000
x1
CMx
VREF
RREF
VOUT_SENSE
IOUT_SENSE
ILOAD
IOUT_SENSE = ILOAD / 10,000
VOUT_SENSE = VREF + (IOUT_SENSE x RREF)
VOUT_SENSE = VREF + (ILOAD x RREF) / 10,000
Matched
Figure 2: Current Measurement Circuit
If only the total current needs to be measured
(e.g. the current of a full H-bridge driver), then
the CM1 and CM2 pins can be connected to
measure the sum of the two half H-bridge
currents.
Over-Current Protection (OCP)
Over-current protection (OCP) protects the
device from damage due to excessive current
at the outputs. If the current through a MOSFET
exceeds the current limit threshold, then the
foldback current limit function limits IOUT to a
safe level and nFAULT goes low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com