Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6551 Datasheet(PDF) 12 Page - MPS Industries, Inc.

Part # MP6551
Description  14V, 5A, H-Bridge Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP6551 Datasheet(HTML) 12 Page - MPS Industries, Inc.

Back Button MP6551 Datasheet HTML 8Page - MPS Industries, Inc. MP6551 Datasheet HTML 9Page - MPS Industries, Inc. MP6551 Datasheet HTML 10Page - MPS Industries, Inc. MP6551 Datasheet HTML 11Page - MPS Industries, Inc. MP6551 Datasheet HTML 12Page - MPS Industries, Inc. MP6551 Datasheet HTML 13Page - MPS Industries, Inc. MP6551 Datasheet HTML 14Page - MPS Industries, Inc. MP6551 Datasheet HTML 15Page - MPS Industries, Inc. MP6551 Datasheet HTML 16Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP6551
– 14V, 5A, H-BRIDGE MOTOR DRIVER
MP6551 Rev. 1.0
MonolithicPower.com
12
7/7/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
External Component Selection
Bypass the VIN pin to GND using a 100nF
ceramic X7R capacitor located as close to the
IC as possible. Place an additional 1µF to 10µF
ceramic capacitor nearby the 100nF capacitor.
Depending on the supply impedance and
distance
to
other
large
capacitors,
an
electrolytic bulk capacitor may also be required
to stabilize VIN. The CM1 and CM2 pins are
current measurement outputs. CM1 and CM2
are typically converted to a voltage via a
termination
resistor
(RREF)
that
creates
a
reference voltage (VREF). A resistor divider
connected between the ADC supply and GND
can provide a ratiometric voltage for an AC/DC
converter.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical for
stable
operation. For the best results, refer to Figure 3
and follow the guidelines below:
1. Bypass VIN to GND using a 100nF ceramic
X7R capacitor located as close to the IC as
possible.
2. Place an additional 1µF to 10µF ceramic
capacitor nearby the 100nF capacitor. An
electrolytic bulk capacitor may be required
to stabilize VIN.
3. The VIN, OUT1, and OUT2 pins dissipate
heat from the motor driver. To reduce heat
on the device, add as many copper planes
to these pins as possible.
4. Solid planes on the inner layers of the
device can also dissipate heat.
Place
multiple thermal vias on the VIN, OUTx, and
GND copper planes to dissipate heat from
the outer layers to the copper plane(s).
Figure 3: Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com