Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6551 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # MP6551
Description  14V, 5A, H-Bridge Motor Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP6551 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  MP6551 Datasheet HTML 1Page - MPS Industries, Inc. MP6551 Datasheet HTML 2Page - MPS Industries, Inc. MP6551 Datasheet HTML 3Page - MPS Industries, Inc. MP6551 Datasheet HTML 4Page - MPS Industries, Inc. MP6551 Datasheet HTML 5Page - MPS Industries, Inc. MP6551 Datasheet HTML 6Page - MPS Industries, Inc. MP6551 Datasheet HTML 7Page - MPS Industries, Inc. MP6551 Datasheet HTML 8Page - MPS Industries, Inc. MP6551 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MP6551
14V, 5A, H-Bridge
Motor Driver
MP6551 Rev. 1.0
MonolithicPower.com
1
7/7/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
DESCRIPTION
The MP6551 is an H-bridge motor driver. Its
2.5V to 14V input voltage (VIN) range allows the
device to operate from a variety of battery
power sources, including single-cell lithium-ion
batteries, dual-cell lithium-ion batteries, and 3-
cell to 6-cell alkaline batteries. Its low on
resistance enables it to achieve up to 5A of
output current (IOUT) across its entire VIN range.
The MP6551 can drive a brushed DC motor in
bidirectional applications or two DC motors in
unidirectional, speed-controlled applications.
Full protection features include over-current
protection
(OCP),
under-voltage
lockout
(UVLO) protection, and thermal shutdown.
The
MP6551
is
available
in
a
QFN-14
(2.5mmx3mm) package.
FEATURES
 2.5V to 14V Operating Input Range
 Up to 5A Output Current (I
OUT)
 Full H-Bridge or Dual Half H-Bridge Driver
 15mΩ Low On Resistance per MOSFET
 Current Measurement
 Over-Current Protection (OCP)
 Under-Voltage Lockout (UVLO) Protection
 Thermal Shutdown
 Sleep Mode during Low-Power
 Fault Indication Output
 Available in a QFN-14 (2.5mmx3mm)
Package
APPLICATIONS
 Mini Drones
 Battery-Powered Toys
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under
Quality Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
VIN
OUT1
OUT2
SR
IN1
EN1
VIN
MP6551
GND
µC
nFAULT
IN2
EN2
Drives 1x
bidirectional or 2x
unidirectional motors
CM1
CM2


Similar Part No. - MP6551

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MP65 RIEDON-MP65 Datasheet
241Kb / 1P
Film Resistors
MP65 RIEDON-MP65 Datasheet
189Kb / 2P
Ultra Precision Molded Metal Film Resistors
logo
Mean Well Enterprises C...
MP650 MEANWELL-MP650 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
logo
Monolithic Power System...
MP6500 MPS-MP6500 Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
MP6500GF MPS-MP6500GF Datasheet
1Mb / 19P
35V, 2.5A, Stepper Motor Driver
More results

Similar Description - MP6551

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6026 ATMEL-ATA6026 Datasheet
609Kb / 34P
H-bridge Motor Driver
logo
Cirrus Logic
SA60 CIRRUS-SA60 Datasheet
459Kb / 6P
H-Bridge Motor Driver/Amplifiers
logo
ATMEL Corporation
ATA6823 ATMEL-ATA6823 Datasheet
538Kb / 28P
H-bridge Motor Driver
ATA6823 ATMEL-ATA6823_09 Datasheet
626Kb / 28P
H-bridge Motor Driver
ATA6823C ATMEL-ATA6823C_14 Datasheet
812Kb / 26P
H-bridge Motor Driver
logo
Texas Instruments
DRV8848 TI1-DRV8848_16 Datasheet
1,018Kb / 27P
Dual H-Bridge Motor Driver
logo
ON Semiconductor
LV8716QA ONSEMI-LV8716QA Datasheet
389Kb / 15P
Dual H-bridge Motor Driver
July, 2014
logo
Monolithic Power System...
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
0.6A, 14V Half H-bridge Motor Driver Evaluation Board
logo
Texas Instruments
DRV8873 TI1-DRV8873 Datasheet
1Mb / 57P
H-Bridge Motor Driver
logo
Monolithic Power System...
MP6619 MPS-MP6619 Datasheet
1Mb / 14P
5.4V to 28V, 5A,H-Bridge Motor Driver
Rev. 1.0 1/21/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com