Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP86936 Datasheet(PDF) 4 Page - MPS Industries, Inc.

Part # MP86936
Description  Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP86936 Datasheet(HTML) 4 Page - MPS Industries, Inc.

  MP86936 Datasheet HTML 1Page - MPS Industries, Inc. MP86936 Datasheet HTML 2Page - MPS Industries, Inc. MP86936 Datasheet HTML 3Page - MPS Industries, Inc. MP86936 Datasheet HTML 4Page - MPS Industries, Inc. MP86936 Datasheet HTML 5Page - MPS Industries, Inc. MP86936 Datasheet HTML 6Page - MPS Industries, Inc. MP86936 Datasheet HTML 7Page - MPS Industries, Inc. MP86936 Datasheet HTML 8Page - MPS Industries, Inc. MP86936 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP86936
– INTELLI-PHASETM WITH INTEGRATED DRIVER AND MOSFETS
MP86936 Rev. 1.1
www.MonolithicPower.com
4
8/4/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, VDRV = VDD = SYNC = 3.3V, typical values at TA = 25°C and max and min values at
TJ = -40°C to +125°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
IIN shutdown
IIN_OFF
SYNC = Hi-Z
90
180
μA
VIN under-voltage lockout (UVLO)
rising threshold
2.5
3.0
V
VIN UVLO hysteresis
450
mV
IVDRV quiescent current
PWM = low
250
350
μA
IVDD quiescent current
PWM = low
4
mA
VDD UVLO rising threshold
2.65
2.9
V
VDD UVLO hysteresis
300
mV
High-side current limit (4)
ILIM_FLT
Cycle by cycle up to four
cycles
90
A
Low-side current limit (4)
Negative current limit,
cycle by cycle, no fault
report
-30
A
Negative current limit low-side off
time (4)
200
ns
High-side current limit shutdown
counter (4)
4
times
Dead time rising (4)
2
ns
Dead time falling (4)
Positive inductor current
6
ns
Negative inductor current
25
ns
SYNC logic high voltage
VDD = 3V
2.4
V
VDD = 3.6V
2.6
V
SYNC tri-state region
VDD = 3V
1.10
1.65
V
VDD = 3.6V
1.3
1.95
V
SYNC logic low voltage
VDD = 3V
0.6
V
VDD = 3.6V
0.7
V
PWM high to SW rising delay (4)
tRISING
15
ns
PWM low to SW falling delay (4)
tFALLING
15
ns
PWM tri-state to SW Hi-Z delay(4)
tLT
40
ns
tTL
50
ns
tHT
40
ns
tTH
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com