Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP86936 Datasheet(PDF) 5 Page - MPS Industries, Inc.

Part # MP86936
Description  Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP86936 Datasheet(HTML) 5 Page - MPS Industries, Inc.

  MP86936 Datasheet HTML 1Page - MPS Industries, Inc. MP86936 Datasheet HTML 2Page - MPS Industries, Inc. MP86936 Datasheet HTML 3Page - MPS Industries, Inc. MP86936 Datasheet HTML 4Page - MPS Industries, Inc. MP86936 Datasheet HTML 5Page - MPS Industries, Inc. MP86936 Datasheet HTML 6Page - MPS Industries, Inc. MP86936 Datasheet HTML 7Page - MPS Industries, Inc. MP86936 Datasheet HTML 8Page - MPS Industries, Inc. MP86936 Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP86936
– INTELLI-PHASETM WITH INTEGRATED DRIVER AND MOSFETS
MP86936 Rev. 1.1
www.MonolithicPower.com
5
8/4/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, VDRV = VDD = SYNC = 3.3V, typical values at TA = 25°C and max and min values at
TJ = -40°C to +125°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Minimum PWM pulse width (4)
30
ns
Current-sense (CS) gain accuracy
(4)
20A ≤ ISW ≤ 60A
-2
+2
%
CS gain
8.5
μA/A
CS offset
ISW = 0A, VCS = 1.2V,
TJ = 25°C
-2
+2
μA
SW = Hi-Z, VCS = 1.2V
-1
+1
μA
CS voltage range (4)
VCS
0.7
2.1
V
VTEMP/FLT sense gain (4)
10
mV/°C
VTEMP/FLT sense offset (4)
TJ = 25°C
150
mV
Over-temperature (OT) shutdown
and fault flag (4)
160
°C
VTEMP/FLT when a fault occurs
3.0
3.3
V
PWM resistor
Pull up,
SYNC = low or high
6
kΩ
Pull down
5
kΩ
PWM logic high voltage
VDD = 3V
2.40
V
VDD = 3.6V
2.40
V
PWM tri-state region
VDD = 3V
1.10
1.80
V
VDD = 3.6V
1.10
1.80
V
PWM logic low voltage
VDD = 3V
0.80
V
VDD = 3.6V
0.80
V
Notes:
4) Guaranteed by design or characterization data. Not tested in production.
PWM TIMING DIAGRAM
tRISING
tFALLING
tLT
tTH
tHT
tTL
SW
PWM
Hi-Z
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com