Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP86936 Datasheet(PDF) 10 Page - MPS Industries, Inc.

Part # MP86936
Description  Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP86936 Datasheet(HTML) 10 Page - MPS Industries, Inc.

Back Button MP86936 Datasheet HTML 6Page - MPS Industries, Inc. MP86936 Datasheet HTML 7Page - MPS Industries, Inc. MP86936 Datasheet HTML 8Page - MPS Industries, Inc. MP86936 Datasheet HTML 9Page - MPS Industries, Inc. MP86936 Datasheet HTML 10Page - MPS Industries, Inc. MP86936 Datasheet HTML 11Page - MPS Industries, Inc. MP86936 Datasheet HTML 12Page - MPS Industries, Inc. MP86936 Datasheet HTML 13Page - MPS Industries, Inc. MP86936 Datasheet HTML 14Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP86936
– INTELLI-PHASETM WITH INTEGRATED DRIVER AND MOSFETS
MP86936 Rev. 1.1
www.MonolithicPower.com
10
8/4/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
Temperature-Sense
Output
with
Fault
Indicator (VTEMP/FLT)
VTEMP/FLT is a pin with dual functions:
1. Junction temperature sense: VTEMP/FLT is
a voltage output proportional to the junction
temperature (TJ) whenever VDD is above its
under-voltage lockout (UVLO) threshold and
the part is in active mode. The gain is
10mV/°C, with a 150mV offset at 25°C. For
example, the gain is 0V at TJ < 10°C, 0.15V
at TJ = 25°C, and 0.9V at TJ = 100°C.
2. Fault indication: If any fault occurs, the
VTEMP/FLT pin is pulled to VDD (regardless
of the temperature) to report the fault event.
If the fault lasts for longer than 200ns, the
PWM impedance changes accordingly to
represent the fault type. Table 2 shows the
PWM status regarding each fault event.
Table 2: PWM Resistance when a Fault Occurs
Fault Type
PWM
Current-limit protection
10k
Ω to AGND
Over-temperature protection
(OTP)
20k
Ω to AGND
SW-PGND short protection
1k
Ω to VDD
The VTEMP/FLT pin monitors for three different
fault events:
1.
Over-current (OC) limit: If the current limit is
exceeded for four consecutive PWM cycles,
this fault is triggered. Once the fault is
triggered, the MP86936 latches off to turn off
the HS-FET. The LS-FET turns off once IL
reaches zero. When this fault occurs, PWM
changes to a
10kΩ to AGND register
configuration to indicate the fault type.
2.
Over-temperature protection (OTP): If TJ
exceeds 160°C, this fault is triggered. Once
the fault is triggered, the MP86936 latches
off to turn off the HS-FET. The LS-FET turns
off once IL reaches zero. When this fault
occurs, PWM changes to a
20kΩ to AGND
register configuration to indicate the fault
type.
3.
SW to PGND short: Once the fault is
triggered, the MP86936 latches off to turn off
the HS-FET. When this fault occurs, PWM is
pulled high (
1kΩ to VDD) to indicate the fault
type.
The fault latch cannot be reset by entering
standby mode. Recycle the power on VIN or
VDD to release of fault latch.
For
multi-phase
operation,
connect
the
VTEMP/FLT
pins
of
each
Intelli-PhaseTM
together (see Figure 2).
L1
PWM
Intelli-Phase
TM
PWM1
L2
PWM
VIN
VIN
PWM2
VTEMP
VIN
VIN
VTEMP
VOUT
COUT
Multi-Phase
Controller
Temperature
ADC
Intelli-Phase
TM
Power Stage
Intelli-Phase
TM
Figure 2: Multi-Phase Temperature-Sense Utilization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com