Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP86936 Datasheet(PDF) 6 Page - MPS Industries, Inc.

Part # MP86936
Description  Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP86936 Datasheet(HTML) 6 Page - MPS Industries, Inc.

Back Button MP86936 Datasheet HTML 2Page - MPS Industries, Inc. MP86936 Datasheet HTML 3Page - MPS Industries, Inc. MP86936 Datasheet HTML 4Page - MPS Industries, Inc. MP86936 Datasheet HTML 5Page - MPS Industries, Inc. MP86936 Datasheet HTML 6Page - MPS Industries, Inc. MP86936 Datasheet HTML 7Page - MPS Industries, Inc. MP86936 Datasheet HTML 8Page - MPS Industries, Inc. MP86936 Datasheet HTML 9Page - MPS Industries, Inc. MP86936 Datasheet HTML 10Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MP86936
– INTELLI-PHASETM WITH INTEGRATED DRIVER AND MOSFETS
MP86936 Rev. 1.1
www.MonolithicPower.com
6
8/4/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
VDD UVLO Threshold vs.
Temperature
SYNC Low Threshold vs.
Temperature
SYNC High Threshold vs.
Temperature
PWM Low Threshold vs. Temperature
PWM High Threshold vs.
Temperature
Efficiency vs. Output Current vs.
Power Loss
VIN = 12V, VOUT = 1.8V, fSW = 500kHz, L = 150nH
2.5
2.6
2.7
2.8
2.9
3
-50
0
50
100
150
TEMPERATURE (°C)
VDD rising
VDD falling
0.5
0.7
0.9
1.1
1.3
1.5
-50
0
50
100
150
TEMPERATURE (°C)
SYNC_LO rising
SYNC_LO falling
1.6
1.7
1.8
1.9
2
2.1
2.2
-50
0
50
100
150
TEMPERATURE (°C)
SYNC_Hi rising
SYNC_Hi falling
0.5
0.7
0.9
1.1
1.3
1.5
-50
0
50
100
150
TEMPERATURE (°C)
PWM_Lo rising
PWM_Lo falling
1.8
1.9
2
2.1
2.2
2.3
-50
0
50
100
150
TEMPERATURE (°C)
PWM_Hi rising
PWM_Hi falling
0
2
4
6
8
10
12
14
80
82
84
86
88
90
92
94
96
98
0
5 10 15 20 25 30 35 40 45 50 55 60
IOUT (A)
Vo=1.8V
Vo=1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com