Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP86936 Datasheet(PDF) 11 Page - MPS Industries, Inc.

Part # MP86936
Description  Intelli-PhaseTM Solution with Integrated Driver and HS-FETs/LS-FETs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP86936 Datasheet(HTML) 11 Page - MPS Industries, Inc.

Back Button MP86936 Datasheet HTML 6Page - MPS Industries, Inc. MP86936 Datasheet HTML 7Page - MPS Industries, Inc. MP86936 Datasheet HTML 8Page - MPS Industries, Inc. MP86936 Datasheet HTML 9Page - MPS Industries, Inc. MP86936 Datasheet HTML 10Page - MPS Industries, Inc. MP86936 Datasheet HTML 11Page - MPS Industries, Inc. MP86936 Datasheet HTML 12Page - MPS Industries, Inc. MP86936 Datasheet HTML 13Page - MPS Industries, Inc. MP86936 Datasheet HTML 14Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP86936
– INTELLI-PHASETM WITH INTEGRATED DRIVER AND MOSFETS
MP86936 Rev. 1.1
www.MonolithicPower.com
11
8/4/2023
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
stable
operation. For optimal performance, refer to
Figure 3 and follow the guidelines below:
1. Place the input MLCC capacitors as close to
the VIN and PGND pins as possible. Place
the major MLCC capacitors on the same
layer as the MP86936.
2. Place
as
many
VIN
and
PGND
vias
underneath the package as possible, in
between VIN or PGND long pads.
3. Place a VIN copper plane on the second
inner layer to form the PCB stacking (+/-/+)
to reduce parasitic impedance from the input
MLCC capacitor to the MP86936. The
copper plane on the inner layer must cover
the VIN vias underneath the package and the
input MLCC capacitors.
4. Place more PGND vias close to PGND pin
and pad to minimize parasitic resistance and
thermal resistance.
5. Place
the
BST
capacitor
and
VDRV
capacitor
as close to the device’s pins as
possible. Use a ≥20mils trace width to route
the path. Avoid the via for the BST driving
path.
The
bootstrap
capacitor
is
recommended to be 0.1µF to 0.22µF.
6. Place the VDD decoupling capacitor close to
the MP86936. Connect AGND and PGND at
the point of the VDD capacitor
’s ground
connection.
7. Keep the CS signal trace away from high
current paths, such as SW and PWM.
V IN
PG N D
SW
PG N D
SW
SW
SW
V IN
1
2
3
4
5
6
7
8
9
10
11
12
15
14
13
23
22
21
20
19
18
17
16
V IN
Figure 3: Recommended PCB Layout (Placement and Top Layer PCB)
Input capacitor: 0805 package (top side and bottom side), 0402 package (top side)
Inductor: 11nnx8nn package
VDD/BST/VDRV capacitor: 0402 package
Via size: 20/10 ils



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com