Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST38VF6402 Datasheet(PDF) 21 Page - Microchip Technology

Part # SST38VF6402
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST38VF6402 Datasheet HTML 17Page - Microchip Technology SST38VF6402 Datasheet HTML 18Page - Microchip Technology SST38VF6402 Datasheet HTML 19Page - Microchip Technology SST38VF6402 Datasheet HTML 20Page - Microchip Technology SST38VF6402 Datasheet HTML 21Page - Microchip Technology SST38VF6402 Datasheet HTML 22Page - Microchip Technology SST38VF6402 Datasheet HTML 23Page - Microchip Technology SST38VF6402 Datasheet HTML 24Page - Microchip Technology SST38VF6402 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
©2015-2018 Microchip Technology Inc
DS20005015D
21
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
The password can be read using the Password Read command to verify the desired password has
been programmed. Microchip recommends testing the password before permanently choosing Pass-
word Mode.
To test the password, do the following:
1. Enter the Global Lock of NVPBs mode.
2. Set the Global Lock Bit to ‘0’, and verify the value.
3. Exit the Global Lock of NVPBs mode.
4. Enter the Password Commands mode.
5. Submit the 64-bit password with the Submit Password command.
6. Wait 2 µs for the device to verify the password.
7. Exit the Password Commands mode.
8. Re-enter the Global Lock of NVPBs mode
9. Read the Global Lock Bit with the Global Lock Bit Status Read command. The Global
Lock bit should now be ‘1’.
After verifying the password, program the DQ2 and DQ1 OTP bits of the PSR to explicitly choose Pass-
word mode. Once the Password mode has been selected, the Password Read and Password Program
commands are permanently disabled. There is no longer any method for reading or modifying the
password. In addition, Microchip is unable to read or modify the password. If a Password Read com-
mand is issued while in Password mode, the data presented for each word of the password is FFFFh.
If the Password Mode is not explicitly chosen in the PSR, then the password can still be read and mod-
ified. Therefore, Microchip strongly recommends that users explicitly choose Password Mode in the
PSR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com