| Electronic Components Datasheet Search |
|
SST38VF6402 Datasheet(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SST38VF6402 Datasheet(HTML) 15 Page - Microchip Technology |
|
15 / 66 page ![]() ©2015-2018 Microchip Technology Inc DS20005015D 15 64 Mbit (x16) Advanced Multi-Purpose Flash Plus SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404 Hardware Block Protection The SST38VF6402 and SST38VF6404 devices support top hardware block protection, which protects the top boot block of the device. For SST38VF6402, the boot block consists of the top 32 KWord block, and for SST38VF6404 the boot block consists of the top two 4 KWord sectors (8 KWord total). The SST38VF6401 and SST38VF6403 devices support bottom hardware block protection, which pro- tects the bottom boot block of the device. For SST38VF6401, the boot block consists of the bottom 32 KWord block, and for SST38VF6403 the Boot Block consists of the bottom two 4 KWord sectors (8 KWord total). The boot block addresses are described in Table 5. Program and Erase operations are prevented on the Boot Block when WP# is low. If WP# is left float- ing, it is internally held high via a pull-up resistor. When WP# is high, the Boot Block is unprotected, which allows Program and Erase operations on that area. Hardware Reset (RST#) The RST# pin provides a hardware method of resetting the device to read array data. When the RST# pin is held low for at least TRP, any in-progress operation will terminate and return to Read mode. When no internal Program/Erase operation is in progress, a minimum period of TRHR is required after RST# is driven high before a valid Read can take place. See Figure 20 for more information. The interrupted Erase or Program operation must be re-initiated after the device resumes normal oper- ation mode to ensure data integrity. Software Data Protection (SDP) The SST38VF6401/6402/6403/6404 devices implement the JEDEC approved Software Data Protection (SDP) scheme for all data alteration operations, such as Program and Erase. These devices are shipped with the Software Data Protection permanently enabled. See Table 11 for the specific software command codes. All Program operations require the inclusion of the three-byte sequence. The three-byte load sequence is used to initiate the Program operation, providing optimal protection from inadvertent Write operations. SDP for Erase operations is similar to Program, but a six-byte load sequence is required for Erase operations. During SDP command sequence, invalid commands will abort the device to read mode within TRC. The contents of DQ15-DQ8 can be VIL or VIH, but no other value, during any SDP command sequence. Table 5: Boot Block Address Ranges Product Size Address Range Bottom Boot Uniform SST38VF6401 32 KW 000000H-007FFFH Top Boot Uniform SST38VF6402 32 KW 3F8000H-3FFFFFH Bottom Boot Non-Uniform SST38VF6403 8 KW 000000H-001FFFH Top Boot Non-Uniform SST38VF6404 8 KW 3FE000H-3FFFFFH T5.0 20005015 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |