Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST38VF6402 Datasheet(PDF) 33 Page - Microchip Technology

Part # SST38VF6402
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 Datasheet(HTML) 33 Page - Microchip Technology

Back Button SST38VF6402 Datasheet HTML 29Page - Microchip Technology SST38VF6402 Datasheet HTML 30Page - Microchip Technology SST38VF6402 Datasheet HTML 31Page - Microchip Technology SST38VF6402 Datasheet HTML 32Page - Microchip Technology SST38VF6402 Datasheet HTML 33Page - Microchip Technology SST38VF6402 Datasheet HTML 34Page - Microchip Technology SST38VF6402 Datasheet HTML 35Page - Microchip Technology SST38VF6402 Datasheet HTML 36Page - Microchip Technology SST38VF6402 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 66 page
background image
©2015-2018 Microchip Technology Inc
DS20005015D
33
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
DC Characteristics
Table 20: DC Operating Characteristics VDD = 2.7-3.6V1
1. Typical conditions for the Active Current shown on the front page of the data sheet are average values at 25°C
(room temperature), and VDD = 3V. Not 100% tested.
Symbol Parameter
Limits
Test Conditions
Min
Max
Units
IDD
Power Supply Current
Address input=VILT/VIHT2, VDD=VDD
Max
2. See Figure 27
Read3
3. The IDD current listed is typically less than 2mA/MHz, with OE# at VIH. Typical VDD is 3V.
18
mA
CE#=VIL, OE#=WE#=VIH at f= 5
MHz
Intra-Page Read @5 MHz
2.5
mA
CE#=VIL, OE#=WE#=VIH
Intra-Page Read @40 MHz
20
mA
CE#=VIL, OE#=WE#=VIH
Program and Erase
35
mA
CE#=WE#=VIL, OE#=VIH
Program-Write-Buffer-to-
Flash
50
mA
CE#=WE#=VIL, OE#=VIH
ISB
Standby VDD Current
30
µA
CE#=VIHC, VDD=VDD Max
IALP
Auto Low Power
20
µA
CE#=VILC, VDD=VDD Max
All inputs=VSS or VDD, WE#=VIHC
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILIW
Input Leakage Current
on WP# pin and RST#
10
µA
WP#=GND to VDD or RST#=GND to
VDD
ILO
Output Leakage Current
10
µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VILC
Input Low Voltage (CMOS)
0.3
V
VDD=VDD Max
VIH
Input High Voltage
0.7VDD
VVDD=VDD Max
VIHC
Input High Voltage (CMOS)
VDD-0.3
V
VDD=VDD Max
VOL
Output Low Voltage
0.2
V
IOL=100 µA, VDD=VDD Min
VOH
Output High Voltage
VDD-0.2
V
IOH=-100 µA, VDD=VDD Min
T20.0 20005015
Table 21: Capacitance (TA = 25°C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this
parameter.
I/O Pin Capacitance
VI/O = 0V
12 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
T21.0 20005015
Table 22: Reliability Characteristics
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1,2
1. This parameter is measured only for initial qualification and after a design or process change that could affect this
parameter.
2. NEND endurance rating is qualified as 100,000 cycles minimum per block.
Endurance
100,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T22.0 20005015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com