Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST38VF6402 Datasheet(PDF) 44 Page - Microchip Technology

Part # SST38VF6402
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 Datasheet(HTML) 44 Page - Microchip Technology

Back Button SST38VF6402 Datasheet HTML 40Page - Microchip Technology SST38VF6402 Datasheet HTML 41Page - Microchip Technology SST38VF6402 Datasheet HTML 42Page - Microchip Technology SST38VF6402 Datasheet HTML 43Page - Microchip Technology SST38VF6402 Datasheet HTML 44Page - Microchip Technology SST38VF6402 Datasheet HTML 45Page - Microchip Technology SST38VF6402 Datasheet HTML 46Page - Microchip Technology SST38VF6402 Datasheet HTML 47Page - Microchip Technology SST38VF6402 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
©2015-2018 Microchip Technology Inc
DS20005015D
44
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
Figure 16:Software ID Entry and Read
Figure 17:CFI Query Entry and Read
1309 F11.0
ADDRESS AMS-0
TIDA
DQ15-0
WE#
SW0
SW1
SW2
555
2AA
555
0000
0001
OE#
CE#
Three-Byte Sequence for Software ID Entry
TWP
TWPH
TAA
00BF
Device ID
XX55
XXAA
XX90
Note: Device ID = 536B for SST38VF6401, 536A for SST38VF6402, 536D for SST38VF6403, 536C for
SST38VF6404
AMS = Most significant address
AMS = A21 for SST38VF6401/6402/6403/6404
WP# must be held in proper logic state (VIL or VIH) 1 µs prior to and 1 µs after the command sequence.
1309 F12.2
ADDRESS AMS-0
TIDA
DQ15-0
WE#
55H
OE#
CE#
TWP
TAA
98H
Note: WP# must be held in proper logic state (VIL or VIH) 1 µs prior to and 1 µs after the command sequence.
AMS = Most significant address
AMS = A21 for SST38VF6401/6402/6403/6404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com