Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST38VF6402 Datasheet(PDF) 10 Page - Microchip Technology

Part # SST38VF6402
Description  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402 Datasheet(HTML) 10 Page - Microchip Technology

Back Button SST38VF6402 Datasheet HTML 6Page - Microchip Technology SST38VF6402 Datasheet HTML 7Page - Microchip Technology SST38VF6402 Datasheet HTML 8Page - Microchip Technology SST38VF6402 Datasheet HTML 9Page - Microchip Technology SST38VF6402 Datasheet HTML 10Page - Microchip Technology SST38VF6402 Datasheet HTML 11Page - Microchip Technology SST38VF6402 Datasheet HTML 12Page - Microchip Technology SST38VF6402 Datasheet HTML 13Page - Microchip Technology SST38VF6402 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
©2015-2018 Microchip Technology Inc
DS20005015D
10
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
SST38VF6401 / SST38VF6402 / SST38VF6403 / SST38VF6404
During the Program operation, the only valid reads are Data# Polling, Toggle Bits, and RY/BY#. During
the internal Program operation, the host is free to perform additional tasks. Any commands issued
during the internal Program operation are ignored. During the command sequence, WP# should be
statically held high or low.
When programming more than a few words, Microchip recommends Write-Buffer Programming.
Write-Buffer Programming
The SST38VF6401/6402/6403/6404 offer Write-Buffer Programming, a feature that enables faster
effective word programming. To use this feature, write up to 16 words with the Write-to-Buffer com-
mand, then use the Program Buffer-to-Flash command to program the Write-Buffer to memory.
The Write-to-Buffer command consists of between 5 and 20 write cycles. The total number of write
cycles in the Write-to-Buffer command sequence is equal to the number of words to be written to the
buffer plus four.
The first three cycles in the command sequence tell the device that a Write-to-Buffer operation will
begin.
The fourth cycle tells the device the number of words to be written into the buffer and the block
address of these words. Specifically, the write cycle consists of a block address and a data value called
the Word Count (WC), which is the number of words to be written to the buffer minus one. If the WC is
greater than 15, the maximum buffer size minus 1, then the operation aborts.
For the fifth cycle, and all subsequent cycles of the Write-to-Buffer command, the command sequence
consists of the addresses and data of the words to be written into the buffer. All of these cycles must
have the same A21 - A4 address, otherwise the operation aborts. The number of Write cycles required
is equal to the number of words to be written into the Write-Buffer, which is equal to WC plus one. The
correct number of Write cycles must be issued or the operation will abort. Each Write cycle decrements
the Write-Buffer counter, even if two or more of the Write cycles have identical address values. Only
the final data loaded for each buffer location is held in the Write-Buffer.
Once the Write-to-Buffer command sequence is completed, the Program Buffer-to-Flash command
should be issued to program the Write-Buffer contents to the specified block in memory. The block
address (i.e. A21 - A15) in this command must match the block address in the 4th write cycle of the
Write-to-Buffer command or the operation aborts. See Table 11 for details on Write-to-Buffer and Pro-
gram-Buffer-to-Flash commands.
While issuing these command sequences, the Write-Buffer Programming Abort detection bit (DQ1)
indicates if the operation has aborted. There are several cases in which the device can abort:
•
In the fourth write cycle of the Write-to-Buffer command, if the WC is greater than 15, the opera-
tion aborts.
•
In the fifth and all subsequent cycles of the Write-to-Buffer command, if the address values, A21 -
A4, are not identical, the operation aborts.
•
If the number of write cycles between the fifth to the last cycle of the Write-to-Buffer command is
greater than WC +1, the operation aborts.
•
After completing the Write-to-Buffer command sequence, issuing any command other than the
Program Buffer-to-Flash command, aborts the operation.
•
Loading a block address, i.e. A21-A15, in the Program Buffer-to-Flash command that does not
match the block address used in the Write-to-Buffer command aborts the operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com