Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2593 Datasheet(PDF) 10 Page - STMicroelectronics

Part # MIC2593
Description  Dual-Slot PCI Hot Plug Controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MIC2593 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button MIC2593 Datasheet HTML 6Page - STMicroelectronics MIC2593 Datasheet HTML 7Page - STMicroelectronics MIC2593 Datasheet HTML 8Page - STMicroelectronics MIC2593 Datasheet HTML 9Page - STMicroelectronics MIC2593 Datasheet HTML 10Page - STMicroelectronics MIC2593 Datasheet HTML 11Page - STMicroelectronics MIC2593 Datasheet HTML 12Page - STMicroelectronics MIC2593 Datasheet HTML 13Page - STMicroelectronics MIC2593 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MIC2593
Micrel
M9999-042204
10
April 2004
Timing Diagrams
t1
t4
SCL
SDA
Data In
SDA
Data Out
t2
t5
t3
Figure 1. SMBus Timing
6V
12VGATE
VTHFAST
VTHLIMIT
tOFF12
Figure 2. 12V Current Limit Response Timing
1V
3VGATE
VTHFAST
VTHLIMIT
tOFF3
Figure 3. 3V Current Limit Response Timing
0 Amps
IOUT(AUX)
IOUT(AUX)
ILIM(AUX)
Must Trip
May Not Trip
IAUX(THRESH)
Figure 4. V
AUX Current Limit Threshold
0 Amps
IOUT(AUX)
tSC(TRAN)
ILIM(AUX)
ISC(TRAN)
Figure 5. V
AUX Current Limit Response Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com