Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G431C6 Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 115Page - STMicroelectronics STM32G431C6 Datasheet HTML 116Page - STMicroelectronics STM32G431C6 Datasheet HTML 117Page - STMicroelectronics STM32G431C6 Datasheet HTML 118Page - STMicroelectronics STM32G431C6 Datasheet HTML 119Page - STMicroelectronics STM32G431C6 Datasheet HTML 120Page - STMicroelectronics STM32G431C6 Datasheet HTML 121Page - STMicroelectronics STM32G431C6 Datasheet HTML 122Page - STMicroelectronics STM32G431C6 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 198 page
background image
DS12589 Rev 6
119/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
RAIN(4)
External input
impedance
--
-
50
kΩ
CADC
Internal sample
and hold
capacitor
--
5
-
pF
tSTAB
Power-up time
-
1
conversion
cycle
tCAL
Calibration time
fADC = 60 MHz
1.93
µs
-116
1/fADC
tLATR
Trigger
conversion
latency Regular
and injected
channels without
conversion abort
CKMODE = 00
1.5
2
2.5
1/fADC
CKMODE = 01
-
-
2.0
CKMODE = 10
-
-
2.25
CKMODE = 11
-
-
2.125
tLATRINJ
Trigger
conversion
latency Injected
channels
aborting a
regular
conversion
CKMODE = 00
2.5
3
3.5
1/fADC
CKMODE = 01
-
-
3.0
CKMODE = 10
-
-
3.25
CKMODE = 11
-
-
3.125
ts
Sampling time
fADC = 60 MHz
0.0416
-
10.675
µs
-
2.5
-
640.5
1/fADC
tADCVREG_STUP ADC voltage
regulator start-up
time
--
-
20
µs
tCONV
Total conversion
time
(including
sampling time)
fADC = 60 MHz
Resolution =
12 bits
0.25
-
10.883
µs
-ts[cycles] + resolution [bits] +0.5 = 15 to 653
1/fADC
IDDA(ADC)
ADC
consumption
from the VDDA
supply
fs = 4 Msps
-
590
730
µA
fs = 1 Msps
-
160
220
fs = 10 ksps
-
16
50
IDDV_S(ADC)
ADC
consumption
from the VREF+
single ended
mode
fs = 4 Msps
-
110
140
µA
fs = 1 Msps
-
30
40
fs = 10 ksps
-
0.6
2
IDDV_D(ADC)
ADC
consumption
from the VREF+
differential mode
fs = 4 Msps
-
220
270
µA
fs = 1 Msps
-
60
70
fs = 10 ksps
-
1.3
3
1. Guaranteed by design.
Table 60. ADC characteristics(1) (2) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com