Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G431C6 Datasheet(PDF) 121 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 117Page - STMicroelectronics STM32G431C6 Datasheet HTML 118Page - STMicroelectronics STM32G431C6 Datasheet HTML 119Page - STMicroelectronics STM32G431C6 Datasheet HTML 120Page - STMicroelectronics STM32G431C6 Datasheet HTML 121Page - STMicroelectronics STM32G431C6 Datasheet HTML 122Page - STMicroelectronics STM32G431C6 Datasheet HTML 123Page - STMicroelectronics STM32G431C6 Datasheet HTML 124Page - STMicroelectronics STM32G431C6 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 198 page
background image
DS12589 Rev 6
121/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
The maximum value of RAIN can be found in Table 61: Maximum ADC RAIN.
Table 61. Maximum ADC RAIN(1)(2)
Resolution
Sampling cycle
@60 MHz
Sampling time
[ns]
RAIN max (Ω)
Fast channels(3)
Slow channels(4)
12 bits
2.5
41.67
100
N/A
6.5
108.33
330
100
12.5
208.33
680
470
24.5
408.33
1500
1200
47.5
791.67
2200
1800
92.5
1541.67
4700
3900
247.5
4125
12000
10000
640.5
10675
39000
33000
10 bits
2.5
41.67
120
N/A
6.5
108.33
390
180
12.5
208.33
820
560
24.5
408.33
1500
1200
47.5
791.67
2200
1800
92.5
1541.67
5600
4700
247.5
4125
12000
10000
640.5
10675
47000
39000
8 bits
2.5
41.67
180
N/A
6.5
108.33
470
270
12.5
208.33
1000
680
24.5
408.33
1800
1500
47.5
791.67
2700
2200
92.5
1541.67
6800
5600
247.5
4125
15000
12000
640.5
10675
50000
50000
6 bits
2.5
41.67
220
N/A
6.5
108.33
560
330
12.5
208.33
1200
1000
24.5
408.33
2700
2200
47.5
791.67
3900
3300
92.5
1541.67
8200
6800
247.5
4125
18000
15000
640.5
10675
50000
50000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com