Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G431C6 Datasheet(PDF) 133 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 133 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 129Page - STMicroelectronics STM32G431C6 Datasheet HTML 130Page - STMicroelectronics STM32G431C6 Datasheet HTML 131Page - STMicroelectronics STM32G431C6 Datasheet HTML 132Page - STMicroelectronics STM32G431C6 Datasheet HTML 133Page - STMicroelectronics STM32G431C6 Datasheet HTML 134Page - STMicroelectronics STM32G431C6 Datasheet HTML 135Page - STMicroelectronics STM32G431C6 Datasheet HTML 136Page - STMicroelectronics STM32G431C6 Datasheet HTML 137Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 198 page
background image
DS12589 Rev 6
133/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
5.3.19
Digital-to-Analog converter characteristics
Table 68. DAC 1MSPS characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage for
DAC ON
DAC output buffer OFF, DAC_OUT
pin not connected (internal
connection only)
1.71
-
3.6
V
Other modes
1.80
-
VREF+
Positive reference voltage
DAC output buffer OFF, DAC_OUT
pin not connected (internal
connection only)
1.71
-
VDDA
Other modes
1.80
-
VREF-
Negative reference voltage
-
VSSA
RL
Resistive load
DAC output
buffer ON
connected to VSSA
5-
-
kΩ
connected to VDDA
25
-
-
RO
Output Impedance
DAC output buffer OFF
9.6
11.7
13.8
kΩ
RBON
Output impedance sample
and hold mode, output
buffer ON
VDD = 2.7 V
-
-
2
kΩ
VDD = 2.0 V
-
-
3.5
RBOFF
Output impedance sample
and hold mode, output
buffer OFF
VDD = 2.7 V
-
-
16.5
kΩ
VDD = 2.0 V
-
-
18.0
CL
Capacitive load
DAC output buffer ON
-
-
50
pF
CSH
Sample and hold mode
-
0.1
1
µF
VDAC_OUT
Voltage on DAC_OUT
output
DAC output buffer ON
0.2
-
VREF+
– 0.2
V
DAC output buffer OFF
0
-
VREF+
tSETTLING
Settling time (full scale: for
a 12-bit code transition
between the lowest and the
highest input codes when
DAC_OUT reaches final
value)
Normal mode
DAC output
buffer ON
CL ≤ 50 pF,
RL ≥ 5 kΩ
±0.5 LSB
-
1.7
3
µs
±1 LSB
-
1.6
2.9
±2 LSB
-
1.55
2.85
±4 LSB
-
1.48
2.8
±8 LSB
-
1.4
2.75
Normal mode DAC output buffer
OFF, ±1LSB, CL = 10 pF
-2
2.5
tWAKEUP(2)
Wakeup time from off state
(setting the ENx bit in the
DAC Control register) until
final value ±1 LSB
Normal mode DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ
-4.2
7.5
µs
Normal mode DAC output buffer
OFF, CL ≤ 10 pF
-2
5
PSRR
VDDA supply rejection ratio
Normal mode DAC output buffer ON
CL ≤ 50 pF, RL = 5 kΩ, DC
--80
-28
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com