Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32G431C6 Datasheet(PDF) 137 Page - STMicroelectronics

Part # STM32G431C6
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz /213 DMIPS,up to 128 KB Flash, 32 KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button STM32G431C6 Datasheet HTML 133Page - STMicroelectronics STM32G431C6 Datasheet HTML 134Page - STMicroelectronics STM32G431C6 Datasheet HTML 135Page - STMicroelectronics STM32G431C6 Datasheet HTML 136Page - STMicroelectronics STM32G431C6 Datasheet HTML 137Page - STMicroelectronics STM32G431C6 Datasheet HTML 138Page - STMicroelectronics STM32G431C6 Datasheet HTML 139Page - STMicroelectronics STM32G431C6 Datasheet HTML 140Page - STMicroelectronics STM32G431C6 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 198 page
background image
DS12589 Rev 6
137/198
STM32G431x6 STM32G431x8 STM32G431xB
Electrical characteristics
160
SINAD
Signal-to-noise
and distortion
ratio
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ, 1 kHz
-70.4
-
dB
DAC output buffer OFF
CL ≤ 50 pF, no RL, 1 kHz
-71-
ENOB
Effective
number of bits
DAC output buffer ON
CL ≤ 50 pF, RL ≥ 5 kΩ, 1 kHz
-11.4-
bits
DAC output buffer OFF
CL ≤ 50 pF, no RL, 1 kHz
-11.5-
1. Guaranteed by design.
2. Difference between two consecutive codes - 1 LSB.
3. Difference between measured value at Code i and the value at Code i on a line drawn between Code 0 and last Code 4095.
4. Difference between the value measured at Code (0x001) and the ideal value.
5. Difference between ideal slope of the transfer function and measured slope computed from code 0x000 and 0xFFF when
buffer is OFF, and from code giving 0.2 V and (VREF+ – 0.2) V when buffer is ON.
Table 69. DAC 1MSPS accuracy(1) (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 70. DAC 15MSPS characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage for
DAC ON
-
1.71
-
3.6
V
VREF+
Positive reference voltage
-
1.71
-
VDDA
VREF-
Negative reference voltage
-
VSSA
VDAC_OUT
Voltage on DAC_OUT
output
-0
-
VREF+
V
tSETTLING
Settling time (full scale: for
a 12-bit code transition
between the lowest and the
highest input codes when
DAC_OUT reaches final
value)
VDDA>2,7V
With One comparator
on DAC output
10%-90%
-
16
22
ns
5%-95%
-
21
29
1%-99%
-
33
46
32lsb
-
40
53
1lsb
-
64
87
VDDA>2,7V
With One comparator
and OPAMP on DAC
output
10%-90%
-
24
32
5%-95%
-
32
43
1%-99%
-
49
67
32lsb
-
57
75
1lsb
-
93
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com