Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8746 Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8746
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746 Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8746 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
6
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital supply range
DVDD
3.0
5.5
V
Analogue supply range
AVDD1, AVDD2
3.0
5.5
V
Ground
AGND, GR0,GR1, DGND
0
V
Difference DGND to AGND
-0.3
0
+0.3
V
Analogue supply current
AVDD = 5V
58
mA
Digital supply current
DVDD = 5V
22
mA
Analogue supply current
AVDD = 3.3V
57
mA
Digital supply current
DVDD = 3.3V
11
mA
Analogue supply current
Power down, stop clock
0.4
mA
Digital supply current
Power down, stop clock
0.09
mA
Note:
1.
The digital supply voltages must not exceed the analogue supply voltages.
AC ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = DVDD = 5V, AGND = 0V = DGND = 0V, TA = +25
oC, fs = 48kHz, SCKI = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (TTL Levels)
Input LOW level
VIL
0.8
V
Input HIGH level
VIH
2.0
V
Output LOW
VOL
IOL = 2mA
0.4
V
Output HIGH
VOH
IOH = 2mA
2.4
V
Analogue Reference Levels
Reference voltage
VCAP
(AVDD2-
GR2)/2
V
Potential divider resistance
RCAP
25k
Ω
DAC Output (Load = 10kΩ 50pF)
0dBFs Full scale output voltage
At DAC outputs
1.1 x
AVDD1/5
Vrms
SNR (Note 1,2,3)
A-weighted,
@ fs = 48kHz
100
106
dB
SNR (Note 1,2,3)
A-weighted
@ fs = 96kHz
105
dB
SNR (Note 1,2,3)
A-weighted
@ fs = 192kHz
105
dB
SNR (Note 1,2,3)
A-weighted,
@ fs = 48kHz
AVDD=DVDD=3.3V
103
dB
SNR (Note 1,2,3)
A-weighted
@ fs = 96kHz
AVDD=DVDD=3.3V
103
dB
SNR (Note 1,2,3)
Non ‘A’ weighted @ fs
= 48kHz
AVDD=DVDD=5V
103
dB
THD (Note 1,2,3)
1kHz, 0dBFs
-95
dB
THD+N (Dynamic range, Note 2)
1kHz, -60dBFs
-100
-106
dB
DAC channel separation
100
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com