Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8746 Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8746
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746 Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8746 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
19
ATTENUATION CONTROL
Each DAC channel can be attenuated digitally before being applied to the digital filter. Attenuation is
0dB by default but can be set between 0 and 127.5dB in 0.5dB steps using the 8 Attenuation control
bits. All attenuation registers are double latched allowing new values to be pre-latched to several
channels before being updated synchronously. Setting the UPDATE bit on any attenuation write will
cause all pre-latched values to be immediately applied to the DAC channels. A master attenuation
register is also included, allowing all attenuations to be set to the same value in a single write.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
L0A[7:0]
11111111
(0dB)
Attenuation data for DACL0 in 0.5dB steps, see Table 8.
0000000
Attenuation
DACL0
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACL0 in intermediate latch (no change to output)
1: Store DACL0 and update attenuation on all channels.
7:0
R0A[7:0]
11111111
(0dB)
Attenuation data for DACR0 in 0.5dB steps, see Table 8.
0000001
Attenuation
DACR0
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACR0 in intermediate latch (no change to output)
1: Store DACR0 and update attenuation on all channels.
7:0
L1A[7:0]
11111111
(0dB)
Attenuation data for DACL1 in 0.5dB steps, see Table 8.
0000100
Attenuation
DACL1
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACL1 in intermediate latch (no change to output)
1: Store DACL1 and update attenuation on all channels.
7:0
R1A[7:0]
11111111
(0dB)
Attenuation data for DACR1 in 0.5dB steps, see Table 8.
0000101
Attenuation
DACR1
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACR1 in intermediate latch (no change to output)
1: Store DACR1 and update attenuation on all channels.
7:0
L2A[7:0]
11111111
(0dB)
Attenuation data for DACL2 in 0.5dB steps, see Table 8.
0000110
Attenuation
DACL2
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACL2 in intermediate latch (no change to output)
1: Store DACL2 and update attenuation on all channels.
7:0
R2A[7:0]
11111111
(0dB)
Attenuation data for DACR2 in 0.5dB steps, see Table 8.
0000111
Attenuation
DACR2
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACR2 in intermediate latch (no change to output)
1: Store DACR2 and update attenuation on all channels.
7:0
MASTA[7:0]
11111111
(0dB)
Attenuation data for all channels in 0.5dB steps, see Table 8.
0001000
Master
Attenuation
(all channels)
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store MASTA[7:0] in all intermediate latches (no change to
output)
1: Store MASTA[7:0] and update attenuation on all channels.
Table 7 Attenuation Register Map
Note:
The UPDATE bit is not latched. If UPDATE=0, the Attenuation value will be written to the pre-latch but not applied to the
relevant DAC. If UPDATE=1, all pre-latched values will be applied from the next input sample. Writing to MASTA[7:0]
overwrites any values previously sent to L0A[7:0], L1A[7:0], L2A[7:0], R0A[7:0], R1A[7:0], R2A[7:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com