Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8746 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8746
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8746 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
25
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
L1A[7:0]
11111111
(0dB)
Attenuation level of left channel DACL1 in 0.5dB steps. See Table 8
0000100
Attenuation
DACL1
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACL1 in intermediate latch (no change to output)
1: Store DACL1 and update attenuation on all channels.
7:0
R1A[7:0]
11111111
(0dB)
Attenuation level of right channel DACR1 in 0.5dB steps, see Table 8.
0000101
Attenuation
DACR1
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACR1 in intermediate latch (no change to output)
1: Store DACR1 and update attenuation on all channels.
7:0
L2A[7:0]
11111111
(0dB)
Attenuation level of left channel DACL2 in 0.5dB steps, see Table 8.
0000110
Attenuation
DACL2
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACL2 in intermediate latch (no change to output)
1: Store DACL2 and update attenuation on all channels.
7:0
R2A[7:0]
11111111
(0dB)
Attenuation level of right channel DACR2 in 0.5dB steps, see Table 8.
0000111
Attenuation
DACR2
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACR2 in intermediate latch (no change to output)
1: Store DACR2 and update attenuation on all channels.
7:0
MASTA[7:0]
11111111
(0dB)
Attenuation data for all channels in 0.5dB steps, see Table 8.
0001000
Master
Attenuation
(all channels)
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store MASTA[7:0] in all intermediate latches (no change to
output)
1: Store DACR0 and update attenuation on all channels
0
2SPD
0
Activates the split rate mode where the front channels run at 192kHz
and the rear four channels run at 96kHz.
0: Normal operation.
1: Split rate operation.
0001001
Extended
interface
control
1
ZCD
0
Controls the operation of the zero crossing detect mechanism which
ensures that the volume is only updated on each channel when the
signal passes through midrail.
0: Enable zero detect.
1: Disable zero detect.
Table 13 Register Map Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com