Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8746 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8746
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8746 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
11
DIGITAL AUDIO INTERFACE
Audio data is applied to the internal DAC filters via the Digital Audio Interface. Five popular interface
formats are supported:
•
Left Justified mode
•
Right Justified mode
•
I
2S mode
•
DSP Mode A
•
DSP Mode B
All 5 formats send the MSB first and support word lengths of 16, 20, 24 and 32 bits, except right
justified that does not support 32 bit data. DIN0/1/2 and LRCIN are sampled on the rising, or falling
edge of BCKIN.
In left justified, right justified and I
2S modes, the digital audio interface receives data on the DIN0/1/2
inputs. Audio Data for each stereo channel is time multiplexed with LRCIN indicating whether the left
or right channel is present. LRCIN is also used as a timing reference to indicate the beginning or end
of the data words.
In left justified, right justified and I
2S modes, the minimum number of BCKINs per LRCIN period is
twice the selected word length. LRCIN must be high for at least the word length number of BCKINs
and low for at least the same. Any mark to space ratio on LRCIN is acceptable provided the above
requirements are met. The WM8746 will automatically detect when data with a LRCIN period of
exactly 32 is sent, and select 16 bit mode - overriding any previously programmed word length. Word
length will revert to the previously programmed value if a LRCIN period other than 32 is detected.
In DSP Mode A or B, all 6 channels are time multiplexed onto DIN0. LRCIN is used as a frame sync
signal to identify the MSB of the first word. The minimum number of BCKINs per LRCIN period is 6
times the selected word length. Any mark to space ratio is acceptable on LRCIN provided the rising
edge is correctly positioned. (see Figure 7, Figure 8)
LEFT JUSTIFIED MODE
In left justified mode, the MSB is sampled on the first rising edge of BCKIN following a LRCIN
transition. LRCIN is high during the left samples and low during the right samples.
LEFT CHANNEL
RIGHT CHANNEL
LRCIN
BCKIN
DIN0/1/2
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
Figure 4 Left Justified Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com