Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8746 Datasheet(PDF) 16 Page - Wolfson Microelectronics plc

Part # WM8746
Description  24-bit, 192kHz 6-Channel DAC with Volume Control
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8746 Datasheet(HTML) 16 Page - Wolfson Microelectronics plc

Back Button WM8746 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8746 Datasheet HTML 20Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
WM8746
Production Data
w
March 2006, PD Rev 4.0
16
MUTE MODES
Setting the MUTE register bit will apply a 'soft' mute to the input of the digital filters:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC Channel Control
0
MUTE
0
Soft Mute select
0 : Normal Operation
1: Soft mute all channels
Figure 10 Application and Release of Soft Mute
Figure 10 shows the application and release of MUTE whilst a full amplitude sinusoid is being played
at 48kHz sampling rate. When MUTE (lower trace) is asserted, the output (upper trace) begins to
decay exponentially from the DC level of the last input sample. The output will decay towards VCAP
with a time constant of approximately 64 input samples. If MUTE is applied for 1024 or more input
samples, the outputs will be connected directly to VCAP - this feature can be disabled using the IZD
(infinite zero detect) bit. When MUTE is de-asserted, the output will restart almost immediately from
the current input sample.
Note that all other means of muting the DAC channels: setting the PL[3:0] bits to 0, setting the
PWDN bit or setting attenuation to 0 will cause much more abrupt muting of the output.
Setting the IZD register bit will enable the infinite zero detect feature:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC Channel Control
4
IZD
0
Internal Analogue Mute Disable
0 : Disable Analogue Mute
1: Enable Analogue Mute
With IZD=1, applying MUTE for 1024 consecutive input samples will cause all outputs to be
connected directly to VCAP. This also happens if 2048 consecutive zero input samples are applied to
all 6 channels, and IZD=0. It will be removed as soon as any channel receives a non-zero input.
The MUTE pin can be used as an input. In this case it performs the same function as the MUTE
register bit. Driving the MUTE pin high will apply a 'soft' mute. Driving it low again, will remove the
MUTE immediately. Note that this hardware mute feature doesn't require the MODE pin to be set
high.
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
0
0.001
0.002
0.003
0.004
0.005
0.006
Time(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com