Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8940 Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8940
Description  Mono CODEC with Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8940 Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8940_07 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 85 page
background image
WM8940
Pre-Production
w
Pre-Production, Rev 3.0, February 2007
40
OUTPUT SIGNAL PATH
The WM8940 output signal paths consist of digital application filters, up-sampling filters, a Hi-Fi
DAC, analogue mixers, speaker and mono output drivers. The digital filters and DAC are enabled by
bit DACEN. The mixers and output drivers can be separately enabled by individual control bits (see
Analogue Outputs). Thus it is possible to utilise the analogue mixing and amplification provided by
the WM8940, irrespective of whether the DACs are running or not.
The WM8940 DAC receives digital input data on the DACDAT pin. The digital filter block processes
the data to provide the following functions:
Digital volume control
A digital peak limiter.
Sigma-Delta Modulation
The high performance sigma-delta audio DAC converts the digital data into an analogue signal.
Figure 19 DAC Digital Filter Path
The analogue output from the DAC can then be mixed with the AUX analogue input and the ADC
analogue input. The mix is fed to the output drivers, SPKOUTP/N, and MONOOUT.
MONOOUT: can drive a 16
Ω or 32Ω headphone or line output or can be a buffered version of VMID
(When MONOMUTE=1).
SPKOUTP/N: can drive a 16
Ω or 32Ω stereo headphone or stereo line output, or an 8Ω BTL mono
speaker.
DIGITAL HI-FI DAC VOLUME CONTROL
The signal volume from each Hi-Fi DAC can be controlled digitally. The gain and attenuation range
is –127dB to 0dB in 0.5dB steps. The level of attenuation for an eight-bit code X is given by:
0.5
× (X-255) dB for 1 ≤ X ≤ 255;
MUTE for X = 0
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R11
DAC Digital
Volume
7:0
DACVOL
[7:0]
11111111
( 0dB )
DAC Digital Volume Control
0000 0000 = Digital Mute
0000 0001 = -127dB
0000 0010 = -126.5dB
... 0.5dB steps up to
1111 1111 = 0dB
Table 29 DAC Volume
DIGITAL
AUDIO
INTERFACE
DIGITAL
GAIN
DIGITAL
FILTERS
INTERP
SDM
DAC
DIGITAL
PEAK
LIMITER
DAC DIGITAL FILTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com