Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8940 Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8940
Description  Mono CODEC with Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8940 Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8940_07 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 43Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 85 page
background image
Pre-Production
WM8940
w
Pre-Production, Rev 3.0, February 2007
41
HI-FI DIGITAL TO ANALOGUE CONVERTER (DAC)
The DAC is enabled by the DACEN register bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3
Power
Management 3
0
DACEN
0
DAC enable
0 = DAC disabled
1 = DAC enabled
Table 30 DAC Enable
The WM8940 also has a Soft Mute function, which gradually attenuates the volume of the digital
signal to zero. When removed, the gain will step back up to the digital gain setting. This function is
disabled by default. To play back an audio signal, it must first be disabled by setting the DACMU bit
to zero.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10
DAC Control
6
DACMU
0
DAC soft mute enable
0 = DACMU disabled
1 = DACMU enabled
Table 31 DAC Control Register
The digital audio data is converted to over sampled bit streams in the on-chip, true 24-bit digital
interpolation filters. The bit stream data enters a multi-bit, sigma-delta DAC, which converts it to a
high quality analogue audio signal. The multi-bit DAC architecture reduces high frequency noise and
sensitivity to clock jitter.
The DAC output defaults to non-inverted. Setting DACPOL will invert the DAC output phase.
AUTOMUTE
The DAC has an automute function which applies an analogue mute when 1024 consecutive zeros
are detected. The mute is released as soon as a non-zero sample is detected. Automute can be
enabled using the AMUTE control bit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10
DAC Control
2
AMUTE
0
DAC auto mute enable
0 = auto mute disabled
1 = auto mute enabled
Table 32 DAC Auto Mute Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com