Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8940 Datasheet(PDF) 64 Page - Wolfson Microelectronics plc

Part # WM8940
Description  Mono CODEC with Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8940 Datasheet(HTML) 64 Page - Wolfson Microelectronics plc

Back Button WM8940_07 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 67Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 68Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 85 page
background image
WM8940
Pre-Production
w
Pre-Production, Rev 3.0, February 2007
64
8.
Disable DAC (DACEN = 0), speaker mixer (SPKMIX = 0), and speaker outputs (SPKPEN =
0 and SPKNEN = 0).
9.
Reset all registers to their default state (software reset).
10.
Turn off external power supply voltages.
Notes:
1.
This step enables the internal device bias buffer and the VMID buffer for unassigned
inputs/outputs. This will provide a startup reference for all inputs and outputs. This will
cause the inputs and outputs to ramp towards VMID in a way that is controlled and
predictable.
2.
Choose the value of VMIDSEL bits based on the startup time (VMIDSEL = 10 for the
slowest startup, VMIDSEL = 11 for the fastest startup). Startup time is defined by the value
of the VMIDSEL bits (the reference impedance) and the external decoupling capacitor on
VMID.
In addition to the power on sequence, it is recommended that the zero cross functions are used
when changing the volume in the PGAs to avoid any audible pops and clicks.
POWER MANAGEMENT
VMID
The analogue circuitry will not work when VMID is disabled (VMIDSEL[1:0] = 00b). The impedance
of the VMID resistor string, together with the decoupling capacitor on the VMID pin will determine the
start-up time of the VMID circuit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
1:0
VMIDSEL 00
Reference string impedance to VMID pin
(determines startup time):
00=off (open circuit)
01=75kΩ
10=300kΩ
11=2.5kΩ (for fastest startup)
Table 57 VMID Impedance Control
BIASEN
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1
Power
management 1
3
BIASEN
0
Analogue amplifier bias control
0=Disabled
1=Enabled
Table 58 BIASEN Control
ESTIMATED SUPPLY CURRENTS
When either the DAC or ADC are enabled it is estimated that approximately 4mA will be drawn from
DCVDD when fs=48kHz (This will be lower at lower sample rates). When the PLL is enabled an
additional 700 microamps will be drawn from DCVDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com