Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8940 Datasheet(PDF) 63 Page - Wolfson Microelectronics plc

Part # WM8940
Description  Mono CODEC with Speaker Driver
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8940 Datasheet(HTML) 63 Page - Wolfson Microelectronics plc

Back Button WM8940_07 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 65Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 66Page - Wolfson Microelectronics plc WM8940_07 Datasheet HTML 67Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 85 page
background image
Pre-Production
WM8940
w
Pre-Production, Rev 3.0, February 2007
63
It is possible to use the same supply voltage for all four supplies. However, digital and analogue
supplies should be routed and decoupled separately on the PCB to keep digital switching noise out
of the analogue signal paths.
RECOMMENDED POWER UP/DOWN SEQUENCE
In order to minimise output pop and click noise, it is recommended that the WM8940/WM8941
device is powered up and down using one of the following sequences:
Power Up:
1.
Turn on external power supplies. Wait for supply voltages to settle.
2.
Reset internal registers to default state (software reset).
3.
Enable non-VMID derived bias generator (VMID_OP_EN = 1) and level shifters
(LVLSHIFT_EN = 1).
4.
Enable DAC soft mute (DACMU = 1).
5.
Select Clock source to MCLK (CLKSEL = 0) and audio mode (Master or Slave).
6.
Enable Power on Bias Control (POB_CTRL = 1) and VMID soft start (SOFT_START = 1).
7.
Enable speaker outputs (SPKPEN = 1, SPKNEN = 1) and wait for outputs to settle.
8.
Set VMIDSEL[1:0] bits for 75kΩ reference string impedance.
9.
Wait for the VMID supply to settle. *Note 2.
10.
Enable analogue amplifier bias control (BIASEN = 1) and VMID buffer (BUFIOEN = 1).
*Notes 1 and 2.
11.
Disable Power on Bias Control (POB_CTRL = 0) and VMID soft start (SOFT_START = 0).
12.
Enable DAC (DACEN =1) and Speaker Mixer (SPKMIXEN = 1).
13.
Enable output of DAC to speaker mixer (DAC2SPK = 1).
14.
Disable speaker mute (SPKMUTE = 0) and set SPKVOL = -57dB.
15.
Ramp up the SPKVOL using the following values:
16.
-27 dB, -21 dB, -15 dB, -13 dB, -11 dB, -9 dB, -8 dB, -7 dB, -6 dB, -5 dB, -4 dB, -3 dB, -2
dB, -1 dB, 0 dB.
17.
Disable DAC soft mute (DACMU = 0).
Power Down:
1.
Enable DAC soft mute (DACMU = 1).
2.
Enable non-VMID derived bias generator (VMID_OP_EN = 1).
3.
Enable on Bias Control (POB_CTRL = 1).
4.
Disable analogue amplifier bias control (BIASEN = 0) and VMID (VMIDSEL[1:0] bits set to
OFF).
5.
Enable Fast VMID Discharge (TOGGLE = 1) to discharge VMID capacitor.
6.
Wait for VMID capacitor to fully discharge.
7.
Enable speaker output mute (SPKMUTE = 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com