Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALDP112 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ALDP112
Description  1a 5A slim power relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALDP112 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ALDP112 Datasheet HTML 1Page - Panasonic Semiconductor ALDP112 Datasheet HTML 2Page - Panasonic Semiconductor ALDP112 Datasheet HTML 3Page - Panasonic Semiconductor ALDP112 Datasheet HTML 4Page - Panasonic Semiconductor ALDP112 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LD-P (ALDP)
2
ds_61B10_en_ldp: 260313D
RATING
1. Coil data
2. Specifications
Notes:
*1 This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load.
*2 Wave is standard shock voltage of
1.250s according to JEC-212-1981
*3 The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to “6. Usage, Storage and Transport
Conditions“ in AMBIENT ENVIRONMENT section in Relay Technical Information.
Nominal coil
voltage
Pick-up voltage
(at 20
C 68F)
Drop-out voltage
(at 20
C 68F)
Nominal operating
current
[
10%] (at 20C 68F)
Coil resistance
[
10%] (at 20C 68F)
Nominal operating
power
Max. allowable voltage
(at 20
C 68F)
5V DC
75%V or less of
nominal voltage
(Initial)
5%V or more of
nominal voltage
(Initial)
40.0mA
125
200mW
130%V of
nominal voltage
6V DC
33.3mA
180
9V DC
22.2mA
405
12V DC
16.7mA
720
18V DC
11.1mA
1,620
24V DC
8.3mA
2,880
Characteristics
Item
Specifications
Contact
Arrangement
1 Form A
Contact resistance (Initial)
Max. 100 m
 (By voltage drop 6 V DC 1A)
Contact material
AgNi type
Rating
Nominal switching capacity (resistive load)
5A 277V AC
Max. switching power (resistive load)
1,385VA
Max. switching voltage
277V AC
Max. switching current
5A
Min. switching capacity (reference value)*1
100mA 5V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000M
 (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
750 Vrms for 1 min. (Detection current: 10 mA)
Between contact and coil
4,000 Vrms for 1 min. (Detection current: 10 mA)
Surge breakdown voltage*2
(Between contact and coil)
10,000 V (initial)
Temperature rise
Max. 30
C 86F (By resistive method, nominal coil voltage applied to the coil;
contact carrying current: 5A, at 85
C 185F)
Operate time (at nominal voltage) (at 20
C 68F)
Max. 10 ms (excluding contact bounce time.)
Release time (at nominal voltage) (at 20
C 68F)
Max. 10 ms (excluding contact bounce time) (With diode)
Mechanical
characteristics
Shock resistance
Functional
Min. 300 m/s2 (Half-wave pulse of sine wave: 11 ms; detection time: 10
s.)
Destructive
Min. 1,000 m/s2 (Half-wave pulse of sine wave: 6 ms.)
Vibration resistance
Functional
10 to 55 Hz at double amplitude of 1.5 mm (Detection time: 10
s.)
Destructive
10 to 55 Hz at double amplitude of 1.5 mm
Expected life
Mechanical (at 180 cpm)
Min. 5
106
Electrical (at 20 cpm)
Min. 2
105 (5A 125V AC at rated load), Min. 105 (5A 250V AC at rated load)
Conditions
Conditions for operation, transport and storage*3
Ambient temperature: –40
C to +85C –40F to +185F;
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed
(at nominal switching capacity)
20 times/min.
Unit weight
Approx. 4 g .14 oz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com