Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALDP112 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ALDP112
Description  1a 5A slim power relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALDP112 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ALDP112 Datasheet HTML 1Page - Panasonic Semiconductor ALDP112 Datasheet HTML 2Page - Panasonic Semiconductor ALDP112 Datasheet HTML 3Page - Panasonic Semiconductor ALDP112 Datasheet HTML 4Page - Panasonic Semiconductor ALDP112 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LD-P (ALDP)
3
ds_61B10_en_ldp: 260313D
REFERENCE DATA
1. Max. switching power
2. Life curve
3. Coil temperature rise
Sample: ALDP112, 6 pcs.
Point measured: inside the coil
Contact current: 0 A, 5 A
10
100
10
5
1
0.1
Contact voltage, V
AC resistive load
6
5
4
3
2
1
0
100
10
1
Contact current, A
125V AC resistive load
250V AC resistive load
5A*
0A*
140
120
100
80
50
40
30
20
10
Coil applied voltage, %V
*at room temperature
85
°C 5A
85
°C 0A
4-(1). Operate time
Sample: ALDP112, 30 pcs.
4-(2). Release time (without diode)
Sample: ALDP112, 30 pcs.
4-(3). Release time (with diode)
Sample: ALDP112, 30 pcs.
Max.
Min.
140
120
100
80
60
10
8
6
4
2
0
Coil applied voltage, %V
Max.
Min.
140
120
100
80
60
10
8
6
4
2
0
Coil applied voltage, %V
Max.
Min.
140
120
100
80
60
10
8
6
4
2
0
Coil applied voltage, %V
5. Electrical life test
(5A 250V AC Resistive load)
Sample: ALDP112, 6 pcs.
Operation frequency: 20 times/min.
(ON:OFF = 1.5s:1.5s)
Circuit:
Change of pick-up and drop-out voltage
Change of contact resistance
250V AC
12V DC
Max.
Min.
Max.
Min.
No. of operations,
×104
Drop-out voltage
Pick-up voltage
10
0
10
9
8
7
6
5
4
3
2
1
0
Max.
Min.
No. of operations,
×104
10
0
100
90
80
70
60
50
40
30
20
10
0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com