Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALDP112 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ALDP112
Description  1a 5A slim power relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALDP112 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ALDP112 Datasheet HTML 1Page - Panasonic Semiconductor ALDP112 Datasheet HTML 2Page - Panasonic Semiconductor ALDP112 Datasheet HTML 3Page - Panasonic Semiconductor ALDP112 Datasheet HTML 4Page - Panasonic Semiconductor ALDP112 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LD-P (ALDP)
4
ds_61B10_en_ldp: 260313D
DIMENSIONS (mm inch)
SAFETY STANDARDS
NOTES
For Cautions for Use, see Relay Technical Information.
Certification authority
UL, C-UL
5A 277V AC 85
C
5A 30V DC
VDE
5A 250V AC cos
 = 1.0 85C
5A 30V DC 0ms
Download
from our Web site.
CAD Data
CAD Data
CAD Data
1.15
4.7
.185
.045
Max. 7.2
Max. 20.5
Max. 15.3
Max. .602
Max. .807
Max. .283
0.8
.031
3.4
.134
0.2
.008
0.2
.008
0.4 dia.
.016 dia.
1.05
11.5
7.0
.453
.276
.041
0.4
.016
Dimension:
General tolerance
Max. 1mm .039 inch:
0.1 .004
1 to 3mm .039 to .118 inch:
0.2 .008
Min. 3mm .118 inch:
0.3 .012
PC board pattern (Bottom view)
Tolerance:
0.1 .004
Schematic (Bottom view)
11.5
(1.05)
(.041)
(1.15)
(.045)
4.7
.185
.453
7.0
.276
4-1.1 dia.
4-.043 dia.
NO
COM
COIL
■ Usage, transport and storage
conditions
1) Temperature:
–40 to +85
C –40 to +185F
2) Humidity: 5 to 85% RH
(Avoid freezing and condensation.)
The humidity range varies with the
temperature. Use within the range
indicated in the graph below.
3) Atmospheric pressure: 86 to 106 kPa
Temperature and humidity range for
usage, transport, and storage
■ Certification
1) This relay is UL and C-UL certified.
UL and C-UL standards:
5 A 277 V AC 85
C +185F
5 A 30 V DC
2) This relay is certified by VDE.
VDE standards:
5 A 250 V AC cos
 = 1.0 85C +185F
5 A 30 V DC 0ms
3) UL, C-UL and VDE certified ratings are
displayed on the packaging box.
(On the relay, only the certification marks
are shown and not the certified ratings.
Please refer to the product specification
diagrams to see what is stamped.)
■ Part number display
The “W” at the end of the part number
only appears on the inner and outer
packaging. It does not appear on the
relay itself.
■ Creepage distance and clearances
between contact an coil: Min. 6mm
.236 inch
85
5
Humidity, %RH
Tolerance range
(Avoid
condensation
when used at
temperatures
higher than
0
°C 32°F)
(Avoid freezing
when used at
temperatures
lower than
0
°C 32°F)
85
0
-40
+185
+32
-40
Temperature,
°C °F



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com