Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALDP112 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ALDP112
Description  1a 5A slim power relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALDP112 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ALDP112 Datasheet HTML 1Page - Panasonic Semiconductor ALDP112 Datasheet HTML 2Page - Panasonic Semiconductor ALDP112 Datasheet HTML 3Page - Panasonic Semiconductor ALDP112 Datasheet HTML 4Page - Panasonic Semiconductor ALDP112 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LD-P (ALDP)
1
ds_61B10_en_ldp: 260313D
ORDERING INFORMATION
TYPES
Notes:
*1
Tube packing: Tube 50 pieces, Case: 1,000 pieces
Carton packing: Carton 100 pieces, Case 500 pieces
*2
The “W” at the end of the part number only appears on the inner and outer packaging. It does not appear on the relay itself.
Please consult with our sales office on a tube packing type.
1a 5A slim power relay
LD-P RELAYS (ALDP)
Contact arrangement
Nominal coil voltage
Part No.
1 Form A
5V DC
ALDP105W
6V DC
ALDP106W
9V DC
ALDP109W
12V DC
ALDP112W
18V DC
ALDP118W
24V DC
ALDP124W
VDE
Protective construction: Sealed type
FEATURES
1. Nominal switching capacity:
5A 277V AC
2. Ambient temperature:
–40
C to +85C –40F to +185F
3. Excellent heat resistance and
tracking performance:
EN60695 (GWT2-11, GWF
I2-12,
GW
IT2-13) data available
(Please consult us for details.)
4. Slim type:
20.3 (L)
 7.0 (W)  15 (H) mm
.799 (L)
 .276 (W)  .591 (H) inch
5. High insulation resistance:
• Creepage distance and clearances
between contact and coil: Min. 6 mm .236
inch (In compliance with IEC65)
• Surge withstand voltage between
contact and coil: 10,000 V or more.
TYPICAL APPLICATIONS
• Boilers
• Air conditioner
• Refrigerator
• Hot water units
• Microwave ovens
• Fan heaters
LD-P relay
ALDP 1
Nominal coil voltage (DC)
05: 5V, 06: 6V, 09: 9V, 12: 12V, 18: 18V, 24: 24V
Contact arrangement
1: 1 Form A
Note: Certified by UL, C-UL and VDE.
Packing style
Nil: Tube packing
W: Carton packing


Similar Part No. - ALDP112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALDP112W PANASONIC-ALDP112W Datasheet
167Kb / 6P
Slim (7.2mm .283inch), 1 Form A 5A power relay
More results

Similar Description - ALDP112

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
PA1A-5V NAIS-PA1A-5V Datasheet
135Kb / 3P
THE SLIM POWER RELAY
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
SLIM TYPE POWER RELAY
APE1004H NAIS-APE1004H Datasheet
88Kb / 3P
THE SLIM POWER RELAY
logo
fujitsu semiconductor
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
POWER RELAY 1 POLE - 5A SLIM POWER RELAY
logo
NXP Semiconductors
PQ1A-12V NXP-PQ1A-12V Datasheet
61Kb / 3P
1a 5A small size power relay for interface
logo
Panasonic Battery Group
PA PANASONICBATTERY-PA Datasheet
66Kb / 4P
1a 5A slim power relay for interface
PQ PANASONICBATTERY-PQ Datasheet
61Kb / 3P
1a 5A small size power relay for interface
logo
fujitsu semiconductor
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
Panasonic Semiconductor
1075950 PANASONIC-1075950 Datasheet
167Kb / 6P
Slim (7.2mm .283inch), 1 Form A 5A power relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com