Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALDP112 Datasheet (PDF) - Panasonic Semiconductor

ALDP112 Datasheet PDF - Panasonic Semiconductor
Part # ALDP112
Download  ALDP112 Download
File Size   808.93 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1a 5A slim power relay

ALDP112 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALDP112 Datasheet PDF - Panasonic Semiconductor

Part # ALDP112
Download  ALDP112 Click to download

File Size   808.93 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1a 5A slim power relay

ALDP112 Datasheet (HTML) - Panasonic Semiconductor


ALDP112 Product details

FEATURES
1. Nominal switching capacity:
5A 277V AC
2. Ambient temperature:
–40C to +85C –40F to +185F
3. Excellent heat resistance and
tracking performance:
EN60695 (GWT2-11, GWFI2-12,
GWIT2-13) data available
(Please consult us for details.)
4. Slim type:
20.3 (L)  7.0 (W)  15 (H) mm
.799 (L)  .276 (W)  .591 (H) inch
5. High insulation resistance:
• Creepage distance and clearances
between contact and coil: Min. 6 mm .236
inch (In compliance with IEC65)
• Surge withstand voltage between
contact and coil: 10,000 V or more.
TYPICAL APPLICATIONS
• Boilers
• Air conditioner
• Refrigerator
• Hot water units
• Microwave ovens
• Fan heaters




Similar Part No. - ALDP112

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALDP112W PANASONIC-ALDP112W Datasheet
167Kb / 6P
Slim (7.2mm .283inch), 1 Form A 5A power relay
More results


Similar Description - ALDP112

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
PA1A-5V NAIS-PA1A-5V Datasheet
135Kb / 3P
THE SLIM POWER RELAY
JK1APF-12V NAIS-JK1APF-12V Datasheet
54Kb / 3P
SLIM TYPE POWER RELAY
APE1004H NAIS-APE1004H Datasheet
88Kb / 3P
THE SLIM POWER RELAY
logo
fujitsu semiconductor
FTR-F3HA FUJITSU-FTR-F3HA Datasheet
603Kb / 7P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
FTR-MY FUJITSU-FTR-MY Datasheet
468Kb / 7P
POWER RELAY 1 POLE - 5A SLIM POWER RELAY
logo
NXP Semiconductors
PQ1A-12V NXP-PQ1A-12V Datasheet
61Kb / 3P
1a 5A small size power relay for interface
logo
Panasonic Battery Group
PA PANASONICBATTERY-PA Datasheet
66Kb / 4P
1a 5A slim power relay for interface
PQ PANASONICBATTERY-PQ Datasheet
61Kb / 3P
1a 5A small size power relay for interface
logo
fujitsu semiconductor
FTR-F3AA005E-HA FUJITSU-FTR-F3AA005E-HA Datasheet
605Kb / 8P
POWER RELAY 1 POLE 5A SLIM TYPE RELAY
logo
Panasonic Semiconductor
1075950 PANASONIC-1075950 Datasheet
167Kb / 6P
Slim (7.2mm .283inch), 1 Form A 5A power relay
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com