Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87702 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 57 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 53Page - Texas Instruments LP87702 Datasheet HTML 54Page - Texas Instruments LP87702 Datasheet HTML 55Page - Texas Instruments LP87702 Datasheet HTML 56Page - Texas Instruments LP87702 Datasheet HTML 57Page - Texas Instruments LP87702 Datasheet HTML 58Page - Texas Instruments LP87702 Datasheet HTML 59Page - Texas Instruments LP87702 Datasheet HTML 60Page - Texas Instruments LP87702 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 99 page
background image
8.6.1.1.19 PLL_CTRL Register (Offset = 12h) [reset = 2h]
PLL_CTRL is shown in Figure 8-37 and described in Table 8-29.
Return to Table 8-9.
Figure 8-37. PLL_CTRL Register
7
6
5
4
3
2
1
0
RESERVED
EN_PLL
EN_FRAC_DIV
EXT_CLK_FREQ
R/W-0h
R/W-0h
R/W-0h
R/W-2h
Table 8-29. PLL_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0h
6
EN_PLL
R/W
0h
Selection of external clock and PLL operation:
0 – Forced to internal RC oscillator. PLL disabled.
1 – PLL is enabled in STANDBY and ACTIVE modes. Automatic
external clock use when available, interrupt generated if external
clock appears or disappears.
(Default from OTP memory)
5
EN_FRAC_DIV
R/W
0h
This bit must be set to '0'.
4-0
EXT_CLK_FREQ
R/W
2h
Frequency of the external clock (CLKIN):
0x00 – 1 MHz
0x01 – 2 MHz
0x02 – 3 MHz
...
0x16 – 23 MHz
0x17 – 24 MHz
0x18...0x1F – Reserved
See electrical specification for input clock frequency tolerance.
(Default from OTP memory) Note: To ensure proper operation of
PLL, EXT_CLK_FREQ value must not be changed when PLL is
enabled.
8.6.1.1.20 PGOOD_CTRL Register (Offset = 13h) [reset = 0h]
PGOOD_CTRL is shown in Figure 8-38 and described in Table 8-30.
Return to Table 8-9.
Figure 8-38. PGOOD_CTRL Register
7
6
5
4
3
2
1
0
RESERVED
PGOOD_WIND
OW
EN_PGOOD_V
ANA
EN_PGOOD_V
MON2
EN_PGOOD_V
MON1
EN_PGOOD_B
OOST
EN_PGOOD_B
UCK1
EN_PGOOD_B
UCK0
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 8-30. PGOOD_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0h
6
PGOOD_WINDOW
R/W
0h
Voltage monitoring method for PG0 and PG1 signals:
0 - Only undervoltage monitoring.
1 - Overvoltage and undervoltage monitoring.
(Default from OTP memory) Note: Changing this value during
operation may cause interrupt.
5
EN_PGOOD_VANA
R/W
0h
Enable powergood diagnostics for VANA
0 – Disabled
1 – Enabled
(Default from OTP memory) Note: Changing this value during
operation may cause interrupt.
www.ti.com
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com