Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87702 Datasheet(PDF) 68 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 68 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 64Page - Texas Instruments LP87702 Datasheet HTML 65Page - Texas Instruments LP87702 Datasheet HTML 66Page - Texas Instruments LP87702 Datasheet HTML 67Page - Texas Instruments LP87702 Datasheet HTML 68Page - Texas Instruments LP87702 Datasheet HTML 69Page - Texas Instruments LP87702 Datasheet HTML 70Page - Texas Instruments LP87702 Datasheet HTML 71Page - Texas Instruments LP87702 Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 99 page
background image
Figure 8-52. INT_TOP_2 Register (continued)
R/W-0h
R-0h
Table 8-44. INT_TOP_2 Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
0h
0
RESET_REG_INT
R
0h
Latched status bit indicating that either VANA supply voltage has
been below undervoltage threshold level or the host has requested a
reset (SW_RESET bit in RESET register). The converters have been
disabled, and registers are reset to default values and the normal
startup procedure is done.
Write 1 to clear interrupt.
8.6.1.1.35 INT_BUCK Register (Offset = 22h) [reset = 0h]
INT_BUCK is shown in Figure 8-53 and described in Table 8-45.
Return to Table 8-9.
Figure 8-53. INT_BUCK Register
7
6
5
4
3
2
1
0
RESERVED
BUCK1_PG_IN
T
BUCK1_SC_IN
T
BUCK1_ILIM_I
NT
RESERVED
BUCK0_PG_IN
T
BUCK0_SC_IN
T
BUCK0_ILIM_I
NT
R/W-0h
R-0h
R-0h
R-0h
R/W-0h
R-0h
R-0h
R-0h
Table 8-45. INT_BUCK Register Field Descriptions
Bit
Field
Type
Reset
Description
7
RESERVED
R/W
0h
6
BUCK1_PG_INT
R
0h
Latched status bit indicating that BUCK1 powergood event has been
detected.
Write 1 to clear.
5
BUCK1_SC_INT
R
0h
Latched status bit indicating that the BUCK1 output voltage has
fallen below 0.35 V level during operation or BUCK1 output didn't
reach 0.35 V level in 1 ms from enable.
Write 1 to clear.
4
BUCK1_ILIM_INT
R
0h
Latched status bit indicating that BUCK1 output current limit has
been triggered.
Write 1 to clear.
3
RESERVED
R/W
0h
2
BUCK0_PG_INT
R
0h
Latched status bit indicating that BUCK0 powergood event has been
detected.
Write 1 to clear.
1
BUCK0_SC_INT
R
0h
Latched status bit indicating that the BUCK0 output voltage has
fallen below 0.35 V level during operation or BUCK0 output didn't
reach 0.35 V level in 1 ms from enable.
Write 1 to clear.
0
BUCK0_ILIM_INT
R
0h
Latched status bit indicating that BUCK0 output current limit has
been triggered.
Write 1 to clear.
8.6.1.1.36 INT_BOOST Register (Offset = 23h) [reset = 0h]
INT_BOOST is shown in Figure 8-54 and described in Table 8-46.
Return to Table 8-9.
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
www.ti.com
68
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com