Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87702 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 61 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 57Page - Texas Instruments LP87702 Datasheet HTML 58Page - Texas Instruments LP87702 Datasheet HTML 59Page - Texas Instruments LP87702 Datasheet HTML 60Page - Texas Instruments LP87702 Datasheet HTML 61Page - Texas Instruments LP87702 Datasheet HTML 62Page - Texas Instruments LP87702 Datasheet HTML 63Page - Texas Instruments LP87702 Datasheet HTML 64Page - Texas Instruments LP87702 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 99 page
background image
Table 8-34. PG_CTRL Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
4
PG1_POL
R/W
0h
PG1 signal polarity.
0 – PG1 signal high when monitored outputs are valid
1 – PG1 signal low when monitored outputs are valid
(Default from OTP memory)
3
PG0_MODE
R/W
0h
Operating mode for PG0 signal:
0 – Detecting unusual situations
1 – Showing when requested outputs are not valid.
(Default from OTP memory)
2
PGOOD_FAULT_GATES_
PG0
R/W
0h
Type of operation for PG0 signal:
0 – Indicates live status of monitored voltage outputs.
1 – Indicates status of PG0_FAULT register, inactive if at least one of
PG0_FAULT_x bit
is inactive.
(Default from OTP memory)
1
PG0_OD
R/W
1h
PG0 signal type:
0 – Push-pull output (VANA level)
1 – Open-drain output
(Default from OTP memory)
0
PG0_POL
R/W
0h
PG0 signal polarity.
0 – PG0 signal high when monitored outputs are valid
1 – PG0 signal low when monitored outputs are valid
(Default from OTP memory)
8.6.1.1.25 PG0_CTRL Register (Offset = 18h) [reset = 0h]
PG0_CTRL is shown in Figure 8-43 and described in Table 8-35.
Return to Table 8-9.
Figure 8-43. PG0_CTRL Register
7
6
5
4
3
2
1
0
PG0_RISE_DE
LAY
SEL_PG0_TWA
RN
SEL_PG0_VAN
A
SEL_PG0_VM
ON2
SEL_PG0_VM
ON1
SEL_PG0_BOO
ST
SEL_PG0_BUC
K1
SEL_PG0_BUC
K0
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
R/W-0h
Table 8-35. PG0_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7
PG0_RISE_DELAY
R/W
0h
0 – PG0 rise is not delayed 1 – PG0 rise is delayed 11 ms
6
SEL_PG0_TWARN
R/W
0h
PG0 control from thermal warning:
0 - Masked
1 – Affecting PGOOD
(Default from OTP memory)
5
SEL_PG0_VANA
R/W
0h
PG0 signal source control from VANA
0 – Masked
1 – Powergood threshold voltage
(Default from OTP memory)
4
SEL_PG0_VMON2
R/W
0h
PG0 signal source control from VMON2
0 – Masked
1 – Powergood threshold voltage
(Default from OTP memory)
3
SEL_PG0_VMON1
R/W
0h
PG0 signal source control from VMON1
0 – Masked
1 – Powergood threshold voltage
(Default from OTP memory)
www.ti.com
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com