Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87702 Datasheet(PDF) 78 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 78 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 74Page - Texas Instruments LP87702 Datasheet HTML 75Page - Texas Instruments LP87702 Datasheet HTML 76Page - Texas Instruments LP87702 Datasheet HTML 77Page - Texas Instruments LP87702 Datasheet HTML 78Page - Texas Instruments LP87702 Datasheet HTML 79Page - Texas Instruments LP87702 Datasheet HTML 80Page - Texas Instruments LP87702 Datasheet HTML 81Page - Texas Instruments LP87702 Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 99 page
background image
Figure 8-71. WD_DIS_CTRL_CODE Register
7
6
5
4
3
2
1
0
WD_DIS_UNLOCK_CODE
R-0h
Table 8-63. WD_DIS_CTRL_CODE Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
WD_DIS_UNLOCK_COD
E
R
0h
Unlocking WD_DIS_CTRL bit: Set WD_DIS_CTRL_LOCK=0 by
writing 0x87, 0x65, 0x1B by 3 consecutive I2C write sequences to
WD_DIS_CTRL_CODE register.
Locking WD_DIS_CTRL bit: Set WD_DIS_CTRL_LOCK=1 by writing
anything to WD_DIS_CTRL_CODE register or write WD_LOCK=1.
Reading this address returns always 0x00. WD_DIS_CTRL can be
unlocked only if WD_LOCK=0.
8.6.1.1.54 WD_DIS_CONTROL Register (Offset = 35h) [reset = 0h]
WD_DIS_CONTROL is shown in Figure 8-72 and described in Table 8-64.
Return to Table 8-9.
Figure 8-72. WD_DIS_CONTROL Register
7
6
5
4
3
2
1
0
RESERVED
WD_DIS_CTRL
_LOCK
WD_DIS_CTRL
R/W-0h
R-1h
R/W-0h
Table 8-64. WD_DIS_CONTROL Register Field Descriptions
Bit
Field
Type
Reset
Description
7-2
RESERVED
R/W
0h
1
WD_DIS_CTRL_LOCK
R
1h
Lock status for WD_DIS_CTRL bit.
0 – Not locked, WD_DIS_CTRL bit can be written.
1 – Locked, WD_DIS_CTRL bit is locked and cannot be changed.
Lock can be opened by writing 0x87, 0x65, 0x1B by 3
consecutive I2C write sequences to WD_DIS_CTRL_CODE register
if WD_LOCK=0. Lock can be closed by writing anything to
WD_DIS_CTRL_CODE register or writing WD_LOCK=1.
0
WD_DIS_CTRL
R/W
0h
Watchdog disable pin control.
0 – Watchdog cannot be disabled by WD_DIS pin.
1 – Watchdog can be disabled by WD_DIS pin.
(Default from OTP memory)
This bit can be written 1 only if WD_LOCK=0 and
WD_DIS_CTRL_LOCK=0.
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
www.ti.com
78
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com