Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87702 Datasheet(PDF) 66 Page - Texas Instruments

Click here to check the latest version.
Part # LP87702
Description  LP87702-Q1 Dual Buck Converter and 5-V Boost With Diagnostic Functions
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP87702 Datasheet(HTML) 66 Page - Texas Instruments

Back Button LP87702 Datasheet HTML 62Page - Texas Instruments LP87702 Datasheet HTML 63Page - Texas Instruments LP87702 Datasheet HTML 64Page - Texas Instruments LP87702 Datasheet HTML 65Page - Texas Instruments LP87702 Datasheet HTML 66Page - Texas Instruments LP87702 Datasheet HTML 67Page - Texas Instruments LP87702 Datasheet HTML 68Page - Texas Instruments LP87702 Datasheet HTML 69Page - Texas Instruments LP87702 Datasheet HTML 70Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 99 page
background image
Table 8-40. WD_CTRL_2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
2
WDI_PD
R/W
0h
Selects the pull down resistor on the WDI pin:
0 – Pull-down resistor is disabled
1 – Pull-down resistor is enabled
(Default from OTP memory)
1
WDR_POL
R/W
0h
Watchdog reset output (WDR) polarity select 0 – Active high 1 –
Active low (Default from OTP memory)
0
WDR_OD
R/W
1h
Watchdog reset output (WDR) signal type 0 – Push-pull output
(VANA level) 1 – Open-drain output (Default from OTP memory)
8.6.1.1.31 WD_STATUS Register (Offset = 1Eh) [reset = 0h]
WD_STATUS is shown in Figure 8-49 and described in Table 8-41.
Return to Table 8-9.
Figure 8-49. WD_STATUS Register
7
6
5
4
3
2
1
0
RESERVED
WD_CLR_SYS
TEM_RESTART
_FLAG
WD_SYSTEM_
RESTART_FLA
G
WD_CLR_RES
ET_CNTR
WD_RESET_CNTR_STATUS
R/W-0h
R-0h
R-0h
R-0h
R-0h
Table 8-41. WD_STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
RESERVED
R/W
0h
4
WD_CLR_SYSTEM_RES
TART_FLAG
R
0h
Clear bit for WD_SYSTEM_RESTART_FLAG. Write 1 to generate a
clear pulse. Reg bit value returns to 0 after clearing is finished.
3
WD_SYSTEM_RESTART
_FLAG
R
0h
Watchdog requested system restart has occurred. Can be cleared by
writing WD_CLR_SYSTEM_RESTART_FLAG bit 1.
2
WD_CLR_RESET_CNTR R
0h
Watchdog reset counter clear. Write 1 to generate a clear pulse.
1-0
WD_RESET_CNTR_STAT
US
R
0h
Current status of watchdog reset counter. The value is valid only
when WD_RESET_CNTR_SEL is set to either 00 or 03.
8.6.1.1.32 RESET Register (Offset = 1Fh) [reset = 0h]
RESET is shown in Figure 8-50 and described in Table 8-42.
Return to Table 8-9.
Figure 8-50. RESET Register
7
6
5
4
3
2
1
0
RESERVED
SW_RESET
R/W-0h
R-0h
Table 8-42. RESET Register Field Descriptions
Bit
Field
Type
Reset
Description
7-1
RESERVED
R/W
0h
0
SW_RESET
R
0h
Software commanded reset. When written to 1, the registers will be
reset to default values and OTP memory is read.
The bit is automatically cleared.
LP87702-Q1
SNVSAL1C – DECEMBER 2017 – REVISED JUNE 2021
www.ti.com
66
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LP87702-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com