Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP213 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button AT89LP213_06 Datasheet HTML 70Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 71Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 72Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 73Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 74Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 75Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 76Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 77Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 90 page
background image
74
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
23.8.5
Serial Peripheral Interface
The Serial Peripheral Interface (SPI) is a byte-oriented full duplex synchronous serial communi-
cation channel. During In-System programming the programmer always acts as the SPI master
and the target device always acts as the SPI slave. The target device receives serial data on
MOSI and outputs serial data on MISO. The Programming Interface implements a standard
SPI Port with a fixed data order and For In-System programming, bytes are transferred MSB first
as shown in Figure 23-9. The SCK phase and polarity follow SPI clock mode 0 (CPOL = 0,
CPHA = 0) where bits are sampled on the rising edge of SCK and output on the falling edge of
SCK. For more detailed timing information see Figure 23-10.
Figure 23-9. ISP Byte Sequence
Figure 23-10. Serial Programming Interface Timing
7
7
6
6
5
5
4
4
3
3
2
2
1
1
0
0
MOSI
MISO
SCK
Data Sampled
tSR
tSSE
tSLSH
tSOV
tSF
tSOX
tSSD
tSCK
tSHSL
tSOE
tSOH
tSIH
tSIS
SS
SCK
MISO
MOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com