Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP213 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button AT89LP213_06 Datasheet HTML 12Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 13Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 14Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 15Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 16Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 17Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 18Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 19Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 90 page
background image
16
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
10.4
Watchdog Reset
When the Watchdog times out, it will generate an internal reset pulse lasting 16 clock cycles.
Watchdog reset will also set the WDTOVF flag in WDTCON. To prevent a Watchdog reset, the
watchdog reset sequence 1EH/E1H must be written to WDTRST before the Watchdog times
out. See “Programmable Watchdog Timer” on page 57 for details on the operation of the
Watchdog.
10.5
Software Reset
The CPU may generate an internal 16-clock cycle reset pulse by writing the software reset
sequence 5AH/A5H to the WDRST register. A software reset will set the SWRST bit in WDT-
CON. See “Software Reset” on page 58 for more information on software reset.
11. Power Saving Modes
The AT89LP213/214 supports two different power-reducing modes: Idle and Power-down.
These modes are accessed through the PCON register.
11.1
Idle Mode
Setting the IDL bit in PCON enters idle mode. Idle mode halts the internal CPU clock. The CPU
state is preserved in its entirety, including the RAM, stack pointer, program counter, program
status word, and accumulator. The Port pins hold the logic states they had at the time that Idle
was activated. Idle mode leaves the peripherals running in order to allow them to wake up the
CPU when an interrupt is generated. The timers, UART, SPI, and GPI blocks continue to func-
tion during Idle. The comparator and watchdog may be selectively enabled or disabled during
Idle. Any enabled interrupt source or reset may terminate Idle mode. When exiting Idle mode
with an interrupt, the interrupt will immediately be serviced, and following RETI the next instruc-
tion to be executed will be the one following the instruction that put the device into Idle.
11.2
Power-down Mode
Setting the Power-down (PD) bit in PCON enters Power-down mode. Power-down mode stops
the oscillator and powers down the Flash memory in order to minimize power consumption. Only
the power-on circuitry will continue to draw power during Power-down. During Power-down, the
power supply voltage may be reduced to the RAM keep-alive voltage. The RAM contents will be
retained, but the SFR contents are not guaranteed once V
CC has been reduced. Power-down
may be exited by external reset, power-on reset, or certain interrupts.
11.2.1
Interrupt Recovery from Power-down
Three external interrupts may be configured to terminate Power-down mode. XTAL1 or XTAL2,
when not used for the crystal oscillator or external clock, may be used to exit Power-down
through external interrupts INT0 (P3.2) and INT1 (P3.3). To wake up by external interrupt INT0
or INT1, that interrupt must be enabled and configured for level-sensitive operation. General
purpose interrupt 3 (GPI3) can also wake up the device when the RST pin is disabled. GPI3
must be enabled and configured for low level detection in order to terminate Power-down.
When terminating Power-down by an interrupt, two different wake-up modes are available.
When PWDEX in PCON is zero, the wake-up period is internally timed as shown in Figure 11-1.
At the falling edge on the interrupt pin, Power-down is exited, the oscillator is restarted, and an
internal timer begins counting. The internal clock will not be allowed to propagate to the CPU
until after the timer has timed out. After the time-out period the interrupt service routine will



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com