Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP213 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT89LP213_06 Datasheet HTML 30Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 31Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 32Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 33Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 34Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 35Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 36Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 37Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 90 page
background image
34
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
Figure 14-7. Timer/Counter 1 PWM Mode 1
14.5.3
Mode 2 – 8-bit Frequency Generator
Timer 0 in PWM Mode 2 functions as an 8-bit auto-reload timer, the same as normal Mode 2,
with the exception that the output pin T0 is toggled at every TL0 overflow (see Figure 14-8).
Timer 1 in PWM Mode 2 is identical to Timer 0. PWM Mode 2 can be used to output a square
wave of varying frequency. THx acts as an 8-bit counter. The following formula gives the output
frequency for Timer 0 in PWM Mode 2.
Figure 14-8. Timer/Counter 1 PWM Mode 2
Note:
{RH0 & RL0}/{RH1 & RL1} are not required by Timer 0/Timer 1 during PWM Mode 2 and may be
used as temporary storage registers.
OSC
TR1
GATE
INT1 Pin
TL1
(8 Bits)
Control
TH1
(8 Bits)
OCR1
RH1
(8 Bits)
=
T1
RL1
(8 Bits)
÷TPS
Mode 2:
fout
Oscillator Frequency
2256
TH0
–
()
×
-------------------------------------------------------
1
TPS 1
+
--------------------
×
=
OSC
TR1
GATE
INT1 Pin
TL1
(8 Bits)
Control
T1
TH1
(8 Bits)
÷TPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com