Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP213 Datasheet(PDF) 76 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button AT89LP213_06 Datasheet HTML 72Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 73Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 74Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 75Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 76Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 77Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 78Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 79Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 90 page
background image
76
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
24. Electrical Characteristics
Notes:
1. Under steady state (non-transient) conditions, IOL must be externally limited as follows:
Maximum I
OL per port pin: 10 mA
Maximum total IOL for all output pins: 15 mA
If IOL exceeds the test condition, VOL may exceed the related specification. Pins are not guaranteed to sink current greater
than the listed test conditions.
2. Minimum VCC for Power-down is 2V.
24.1
Absolute Maximum Ratings*
Operating Temperature ................................... -40°C to +85°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect
device reliability.
Storage Temperature ..................................... -65°C to +150°C
Voltage on Any Pin with Respect to Ground ......-0.7V to +5.5V
Maximum Operating Voltage ............................................ 5.5V
DC Output Current...................................................... 15.0 mA
24.2
DC Characteristics
T
A = -40°C to 85°C, VCC = 2.4V to 5.5V (unless otherwise noted)
Symbol
Parameter
Condition
Min
Max
Units
V
IL
Input Low-voltage
-0.5
0.2 V
CC - 0.1
V
VIH
Input High-voltage
0.2 VCC + 0.9
VCC + 0.5
V
VOL
Output Low-voltage(1) (Ports 1, 3)
IOL = 10 mA, VCC = 2.7V, TA = 85°C
0.5
V
VOH
Output High-voltage (Ports 1, 3)
With Weak Pull-ups Enabled
I
OH = -80 µA, VCC = 5V ± 10%
2.4
V
IOH = -30 µA
0.75 VCC
V
IOH = -12 µA
0.9 VCC
V
VOH1
Output High-voltage (Ports 1, 3)
With Strong Pull-ups Enabled
IOH = -10 mA, TA = 85°C
0.9 V
CC
IIL
Logic 0 Input Current
(Ports 1, 3)
VIN = 0.45V
-50
µA
I
TL
Logic 1 to 0 Transition Current
(Ports 1, 3)
V
IN = 2V, VCC = 5V ± 10%
-750
µA
I
LI
Input Leakage Current
(Port P1.0, P1.1)
0 < V
IN < VCC
±10
µA
V
OS
Comparator Input Offset Voltage
V
CC = 5V
20
mV
V
CM
Comparator Input Common
Mode Voltage
0V
CC
V
RRST
Reset Pull-down Resistor
50
150
K
Ω
C
IO
Pin Capacitance
Test Freq. = 1 MHz, T
A = 25°C
10
pF
I
CC
Power Supply Current
Active Mode, 12 MHz, VCC = 5.5V/3V
5.5/3.5
mA
Idle Mode, 12 MHz, V
CC = 5.5V/3V
P1.0 & P1.1 = 0V or VCC
1.2/1
mA
Power-down Mode(2)
V
CC = 5.5V, P1.0 & P1.1 = 0V or VCC
100
µA
V
CC = 3V, P1.0 & P1.1 = 0V or VCC
20
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com