Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89LP213 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89LP213
Description  8-bit Microcontroller with 2K Bytes Flash
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP213 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89LP213_06 Datasheet HTML 7Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 8Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 9Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 10Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 11Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 12Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 13Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 14Page - ATMEL Corporation AT89LP213_06 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 90 page
background image
11
3538A–MICRO–7/06
AT89LP213/214 [Preliminary]
Figure 8-3.
Two-cycle ALU Operation (Example: ADD A, #data)
8.1
Restrictions on Certain Instructions
The AT89LP213/214 is an economical and cost-effective member of Atmel's growing family of
microcontrollers. It contains 2K bytes of Flash program memory. It is fully compatible with the
MCS-51 architecture, and can be programmed using the MCS-51 instruction set. However,
there are a few considerations one must keep in mind when utilizing certain instructions to pro-
gram this device. All the instructions related to jumping or branching should be restricted such
that the destination address falls within the physical program memory space of the device, which
is 2K for the AT89LP213/214. This should be the responsibility of the software programmer. For
example, LJMP 7E0H would be a valid instruction, whereas LJMP 900H would not.
8.1.1
Branching Instructions
The LCALL, LJMP, ACALL, AJMP, SJMP, and JMP @A+DPTR unconditional branching instruc-
tions will execute correctly as long as the programmer keeps in mind that the destination
branching address must fall within the physical boundaries of the program memory size (loca-
tions 000H to 7FFH for the AT89LP213/214). Violating the physical space limits may cause
unknown program behavior. With the CJNE [...], DJNZ [...], JB, JNB, JC, JNC, JBC, JZ, and JNZ
conditional branching instructions, the same previous rule applies. Again, violating the memory
boundaries may cause erratic execution. For applications involving interrupts the normal inter-
rupt service routine address locations of the 8051 family architecture have been preserved.
8.1.2
MOVX-related Instructions, Data Memory
The AT89LP213/214 contains 128 bytes of internal data memory. RAM accesses to addresses
above 7FH will return invalid data. Furthermore, the stack depth is limited to 128 bytes, the
amount of available RAM. The Stack Pointer should not be allowed to point to locations above
7FH. External DATA memory access is not supported in this device, nor is external PROGRAM
memory execution. Therefore, no MOVX [...] instructions should be included in the program.
A typical 8051 assembler will still assemble instructions, even if they are written in violation of
the restrictions mentioned above. It is the responsibility of the user to know the physical features
and limitations of the device being used and to adjust the instructions used accordingly.
System Clock
Total Execution Time
Fetch Immediate Operand
T1
T2
T3
ALU Operation Execute
Result Write Back
Fetch Next Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com