| Electronic Components Datasheet Search |
|
USB97C102 Datasheet(PDF) 34 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB97C102 Datasheet(HTML) 34 Page - SMSC Corporation |
|
34 / 80 page ![]() SMSC DS – USB97C102 Page 34 Rev. 03/23/2000 Table 45 - Channel 0 Byte Count Register CH0_CNT (ISA 0x0001) CHANNEL 0 BYTE COUNT BIT NAME R/W DESCRIPTION [7:0] CH0_CNTL R/W Lower 8 bits of Byte Count when Byte F/F = 0 [7:0] CH0_CNTH R/W Upper 8 bits of Byte Count when Byte F/F = 1 Note: The CLEAR_FF register should be written to before writing this register to guarantee which byte (high or low) is being written. See Address Programming Table for 16 bit Address definitions. Table 46 - Channel 1 Current Address Register CH1_ADDR (ISA 0x0002) CHANNEL 1 CURRENT ADDRESS BIT NAME R/W DESCRIPTION [7:0] CH1_ADDRL R/W Lower 8 bits of Base and Current Address when Byte F/F = 0 [7:0] CH1_ADDRH R/W Upper 8 bits of Base and Current Address when Byte F/F = 1 Note: The CLEAR_FF register should be written to before writing this register to guarantee which byte (high or low) is being written. See the Address Programming Table for 16 bit Address definitions. Table 47 - Channel 1 Byte Count Register CH1_CNT (ISA 0x0003) CHANNEL 1 BYTE COUNT BIT NAME R/W DESCRIPTION [7:0] CH1_CNTL R/W Lower 8 bits of Byte Count when Byte F/F = 0 [7:0] CH1_CNTH R/W Upper 8 bits of Byte Count when Byte F/F = 1 Note: The CLEAR_FF register should be written to before writing this register to guarantee which byte (high or low) is being written. See Address Programming Table for 16 bit Address definitions. Table 48 - Channel 2 Current Address Register CH2_ADDR (ISA 0x0004) CHANNEL 2 CURRENT ADDRESS BIT NAME R/W DESCRIPTION [7:0] CH2_ADDRL R/W Lower 8 bits of Base and Current Address when Byte F/F = 0 [7:0] CH2_ADDRH R/W Upper 8 bits of Base and Current Address when Byte F/F = 1 Note: The CLEAR_FF register should be written to before writing this register to guarantee which byte (high or low) is being written. See the Address Programming Table for 16 bit Address definitions. Table 49 - Channel 2 Byte Count Register CH2_CNT (ISA 0x0005) CHANNEL 2 BYTE COUNT BIT NAME R/W DESCRIPTION [7:0] CH2_CNTL R/W Lower 8 bits of Byte Count when Byte F/F = 0 [7:0] CH2_CNTH R/W Upper 8 bits of Byte Count when Byte F/F = 1 Note: The CLEAR_FF register should be written to before writing this register to guarantee which byte (high or low) is being written. See Address Programming Table for 16 bit Address definitions. Table 50 - Channel 3 Current Address Register CH3_ADDR (ISA 0x0006) CHANNEL 3 CURRENT ADDRESS BIT NAME R/W DESCRIPTION [7:0] CH3_ADDRL R/W Lower 8 bits of Base and Current Address when Byte F/F = 0 [7:0] CH3_ADDRH R/W Upper 8 bits of Base and Current Address when Byte F/F = 1 Note: The CLEAR_FF register should be written to before writing this register to guarantee which byte (high or low) is being written. See the Address Programming Table for 16 bit Address definitions. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |