| Electronic Components Datasheet Search |
|
USB97C102 Datasheet(PDF) 60 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
USB97C102 Datasheet(HTML) 60 Page - SMSC Corporation |
|
60 / 80 page ![]() SMSC DS – USB97C102 Page 60 Rev. 03/23/2000 Endpoints 0-7. The MCU will write these registers, and set the corresponding bit=1 for each endpoint that is a non- control endpoint. The hardware will not respond to a Setup PID for any endpoint whose corresponding bit is set (1). Table 108 - NonControl Endpoint Register 1 (high endpoints) NONCTRL_EP1 (0x7FAB – RESET=0x00) NONCONTROL ENDPOINT REGISTER 1 BIT NAME R/W DESCRIPTION 7 EP15 R/W When this bit is set (1), the Endpoint will not respond to a Setup PID. When this bit is cleared (0), the Endpoint will respond to a setup PID 6 EP14 R/W When this bit is set (1), the Endpoint will not respond to a Setup PID. When this bit is cleared (0), the Endpoint will respond to a setup PID 5 EP13 R/W When this bit is set (1), the Endpoint will not respond to a Setup PID. When this bit is cleared (0), the Endpoint will respond to a setup PID 4 EP12 R/W When this bit is set (1), the Endpoint will not respond to a Setup PID. When this bit is cleared (0), the Endpoint will respond to a setup PID 3 EP11 R/W When this bit is set (1), the Endpoint will not respond to a Setup PID. When this bit is cleared (0), the Endpoint will respond to a setup PID 2 EP10 R/W When this bit is set (1), the Endpoint will not respond to a Setup PID. When this bit is cleared (0), the Endpoint will respond to a setup PID 1 EP9 R/W When this bit is set (1), the Endpoint will not respond to a Setup PID. When this bit is cleared (0), the Endpoint will respond to a setup PID 0 EP8 R/W When this bit is set (1), the Endpoint will not respond to a Setup PID. When this bit is cleared (0), the Endpoint will respond to a setup PID Table 109 - NonControl Endpoint Register 2 (low endpoints) NONCTRL_EP2 (0x7FAC – RESET=0x00) NONCONTROL ENDPOINT REGISTER 2 BIT NAME R/W DESCRIPTION 7 EP7 R/W When this bit is set (1), the Endpoint will not respond to a Setup PID. When this bit is cleared (0), the Endpoint will respond to a setup PID. 6 EP6 R/W When this bit is set (1), the Endpoint will not respond to a Setup PID. When this bit is cleared (0), the Endpoint will respond to a setup PID. 5 EP5 R/W When this bit is set (1), the Endpoint will not respond to a Setup PID. When this bit is cleared (0), the Endpoint will respond to a setup PID. 4 EP4 R/W When this bit is set (1), the Endpoint will not respond to a Setup PID. When this bit is cleared (0), the Endpoint will respond to a setup PID. 3 EP3 R/W When this bit is set (1), the Endpoint will not respond to a Setup PID. When this bit is cleared (0), the Endpoint will respond to a setup PID. 2 EP2 R/W When this bit is set (1), the Endpoint will not respond to a Setup PID. When this bit is cleared (0), the Endpoint will respond to a setup PID. 1 EP1 R/W When this bit is set (1), the Endpoint will not respond to a Setup PID. When this bit is cleared (0), the Endpoint will respond to a setup PID. 0 EP0 R/W When this bit is set (1), the Endpoint will not respond to a Setup PID. When this bit is cleared (0), the Endpoint will respond to a setup PID. Table 110 – Reserved RESERVED RESERVED BIT NAME R DESCRIPTION [7:0] Reserved R Reserved The Memory Management Policy (MMP) feature permits limiting the number of received packets in memory per endpoint. A five bit up/down counter will be implemented for each endpoint. Each counter will be incremented by the MCU to initialize the limit, then decremented by the hardware as packets arrive at its corresponding endpoint, and incremented by the MCU after it releases the packet. If the count reaches 0, and the MMP feature is enabled, then the hardware will not receive the packet and will NAK non-isochronous OUT tokens. If the count is zero, it will not decrement further; if the count is 31, it will not increment further. The MCU can enable or disable this feature independently for each endpoint. The default condition is disabled. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |