Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C102 Datasheet(PDF) 54 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 54 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 50Page - SMSC Corporation USB97C102 Datasheet HTML 51Page - SMSC Corporation USB97C102 Datasheet HTML 52Page - SMSC Corporation USB97C102 Datasheet HTML 53Page - SMSC Corporation USB97C102 Datasheet HTML 54Page - SMSC Corporation USB97C102 Datasheet HTML 55Page - SMSC Corporation USB97C102 Datasheet HTML 56Page - SMSC Corporation USB97C102 Datasheet HTML 57Page - SMSC Corporation USB97C102 Datasheet HTML 58Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
SMSC DS – USB97C102
Page 54
Rev. 03/23/2000
Note 3: If the firmware needs to STALL an endpoint, it should first be taken off-line by setting RX_CONT1=0, and
then RX_CON0=1.
Note 4: This allows firmware to manage TX endpoint(s) and hold queued data until the firmware is ready, even if the
host is asking.
This is not as critical as the RX version, but it may be required for Isochronous
synchronization, as well as STALL recovery.
Note 5: These registers can be written to at any time but the SIE won’t be affected until after the current transaction
(on the particular endpoint) is completed. If a particular register is written several times during an SIE
transaction, only the last value written will take effect after the SIE transaction is complete.
Table 96 - LSB FRAME Count Register
FRAMEL
0x7F90 Reset 0x00
FRAME COUNT REGISTER (LOW)
BIT
NAME
R/W
DESCRIPTION
[7:0]
FRAME[7:0]
R
The 11 bit Frame Number from each SOF packet is loaded with the
RISING edge of EOT when SOF_TOKEN = '1' and ACK = '1'.
Note:
This register is always the last correctly received valid SOF Frame number. Garbled and invalid SOF tokens
do not alter this register. However, the LSB FRAME/MSB FRAME Count registers will be incremented by the
hardware when a missing SOF is detected, or when there is an error in frame number. A SOF is defined as
missing if it does not occur within a range of +/- 3 USBCLKs from the expected frame length. The expected
frame length is the previous interval between SOFs.
Table 97 - MSB FRAME Count Register
FRAMEH
0x7F91 Reset 0x00
FRAME COUNT REGISTER (HIGH)
BIT
NAME
R/W
DESCRIPTION
[7:3]
EXT_FR[15:11]
R
Extended Frame Count.
The extended count bits are loaded with the RISING edge of
EOT when SOF_TOKEN = '1' and ACK = '1'. The extended
Frame count bit must also be enabled (EN_EXTFRAME = '1' in
SIE_CONFIG).
[2:0]
FRAME[10:8]
R
Frame Number from each SOF packet is loaded with the
RISING edge of EOT when SOF_TOKEN = '1' and ACK = '1'.
Note:
This register is always the last correctly received valid SOF Frame number. Garbled and invalid SOF tokens
do not alter this register. However, the LSB FRAME/MSB FRAME Count registers will be incremented by the
hardware when a missing SOF is detected, or when there is an error in frame number. A SOF is defined as
missing if it does not occur within a range of +/- 3 USBCLKs from the expected frame length. The expected
frame length is the previous interval between SOFs.
Table 98 - Local Address Register
SIE_ADDR
(0x7F92 RESET=0x00)
LOCAL ADDRESS REGISTER
BIT
NAME
R/W
DESCRIPTION
7
RX_ALL
R/W
1 = Overrides the token address decoding of the SIE such
that no compare is done. Token CRC is also ignored when
RX_ALL=1. This bit forces all packets transmitted on the wire
to be received in the RX Packet Queue
[6:0]
ADDR[6:0]
R/W
This register is only written by the 8051. It is the SIE's local
address assigned during enumeration.
This is the default
SIE address. ALL endpoints will send/receive on this
address. This address can be used for the HUB address.
Note:
When RX_ALL is enabled, software should not enable any TX endpoints as they will respond to any
Address with the same endpoint and possibly cause contention on the line. Software should also set each
RX endpoint RX_ISO bit to prevent handshakes from being sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com