Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C102 Datasheet(PDF) 58 Page - SMSC Corporation

Part # USB97C102
Description  Multi-Endpoint USB Peripheral Controller with Integrated 5 Port HUB
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C102 Datasheet(HTML) 58 Page - SMSC Corporation

Back Button USB97C102 Datasheet HTML 54Page - SMSC Corporation USB97C102 Datasheet HTML 55Page - SMSC Corporation USB97C102 Datasheet HTML 56Page - SMSC Corporation USB97C102 Datasheet HTML 57Page - SMSC Corporation USB97C102 Datasheet HTML 58Page - SMSC Corporation USB97C102 Datasheet HTML 59Page - SMSC Corporation USB97C102 Datasheet HTML 60Page - SMSC Corporation USB97C102 Datasheet HTML 61Page - SMSC Corporation USB97C102 Datasheet HTML 62Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 80 page
background image
SMSC DS – USB97C102
Page 58
Rev. 03/23/2000
Table 105 - SIE Configuration Register.
SIE_CONFIG
(0x7F98 - RESET=0x40)
SIE CONFIGURATION REGISTER
BIT
NAME
R/W
DESCRIPTION
7
FSEN
R/W
This bit indicates that the USB97c102 supports 12Mbps USB
data rates. This bit must be set to a one ‘1’ for normal
operation.
6
RST_SIE
R/W
1 = Resets the SIE
5
RST_FRAME
R/W
1 = Clears FRAMEL and Bit 0 through 2 of FRAMEH
4
EN_EXTFRAME
R/W
Extended Frame Count Enable. Expands the Frame count
from 11 bits to 16 bits for 8051 use.
0 = Bits 7-3 of FRAMEH are driven to 0.
1 = Bits 7-3 of FRAMEH count 1-0 transitions of bit 2 in
FRAMEH.
3
SIE_SUSPEND
R/W
1 = Forces the SIE into USB Suspend Mode. The MCU must
determine that Suspend must be entered.
2
SIE_RESUME
R/W
1 = Forces the SIE to transmit Resume signaling on the line.
1
USB_RESUME
R
1 = Indicates Resume signaling has been detected on the line
while in the Suspend State. This signal causes a Resume
Power Management interrupt).
0
USB_RESET
R
1 = Indicates that the USB line is being reset. Asserted when
SE0 is present on the bus for 32 or more 12 Mbps bit times.
This causes a USB_RESET Power management interrupt.
Table 106 - SIE Control Register 2
SIE_CTRL 2
(0x7FA9 – RESET=0x00)
SIE CONTROL REGISTER 2
BIT
NAME
R/W
DESCRIPTION
7
Reserved
R/W
Reserved – This bit should always be cleared (0)
6
Reserved
R/W
Reserved – This bit should always be cleared (0)
5
Reserved
R/W
Reserved – This bit should always be cleared (0)
4
Reserved
R/W
Reserved – This bit should always be cleared (0)
3
Reserved
R/W
Reserved – This bit should always be cleared (0)
2
SET_BUSY_ON_SETU
P
R/W
When set (1), a setup pckt rcvd on a control endpoint will
set that endpoint to busy in any direction it was not
disabled. When clear (0), a setup pckt will have no effect
on the endpoint’s control condition.
ISO_Limit – Defines the maximum size of an isochronous
packet
1
0
PAYLOAD SIZE
0
0
1023 byte payload
0
1
248 byte payload total less 8 byte header = 240
byte Data payload
1
0
504 byte payload total less 8 byte header = 496
byte Data payload
[1:0]
ISO_LIMIT
R/W
1
1
248 byte payload total less 8 byte header = 240
byte Data payload
In conjunction with the Endpoint Control Registers defined above, the Endpoint Command Register allows the
dynamic modification and configuration of specific endpoints. This register which is new to the SMSC Family of USB
devices, allows the MCU to write each individual bit field within the existing register Endpoint set without having to do
read / modify / write operations. The Firmware can jam this register with a full constant, or could OR-in an EP
number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com