| Electronic Components Datasheet Search |
|
IMX7SCEC Datasheet(PDF) 26 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
IMX7SCEC Datasheet(HTML) 26 Page - NXP Semiconductors |
|
26 / 155 page ![]() Electrical characteristics i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023 NXP Semiconductors 26 NVCC_GPIO1 From PMIC N=12 Use max IO equation2 mA NVCC_GPIO2 From PMIC N=14 mA NVCC_SD2 From PMIC N=9 mA NVCC_SD3 From PMIC N=12 mA NVCC_SD1 From PMIC N=9 mA NVCC_ENET1 From PMIC N=16 mA NVCC_EPDC1 From PMIC N=16 mA NVCC_EPDC2 From PMIC N=17 mA NVCC_SAI From PMIC N=11 mA NVCC_LCD From PMIC N=29 mA NVCC_SPI From PMIC N=8 mA NVCC_ECSPI From PMIC N=8 mA NVCC_I2C From PMIC N=8 mA NVCC_UART From PMIC N=8 mA VDD_USB_OTG1_3P3_IN From PMIC — 50 mA VDD_USB_OTG2_3P3_IN From PMIC — 50 mA VDD_USB_H_1P2 From i.MX 7 internal LDO — 20 mA VDDA_MIPI_1P8 From i.MX 7 internal LDO — 5 mA DRAM_VREF From PMIC — 1 mA NVCC_DRAM_CKE From PMIC — 30 mA NVCC_DRAM From PMIC — —3 mA 1 The actual maximum current drawn from VDDA_1P8_IN is as shown plus any additional current drawn from the VDDD_1P0_CAP, VDD_1P2_CAP, VDDA_PHY_1P8 outputs, depending on actual application configuration (for example, VDD_MIPI_1P0, VDD_USB_H_1P2 and supplies). 2 General equation for estimated, maximal power consumption of an I/O power supply: Imax = N C V (0.5 F) where: N = Number of I/O pins supplied by the power line C = Equivalent external capacitive load V = IO voltage (0.5 F) = Data change rate, up to 0.5 of the clock rate (F) In this equation, Imax is in amps, C in farads, V in volts, and F in hertz. 3 The DRAM power consumption is dependent on several factors, such as external signal termination. DRAM power calculators are typically available from the memory vendors. They take into account factors such as signal termination. See the application note, i.MX 7DS Power Consumption Measurement (AN5383) for examples of DRAM power consumption during specific use case scenarios. Table 12. Maximum supply currents(continued) Power Rail Source Conditions Max Current Unit |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |